Electronic Components Datasheet Search
  English  ▼

X  

GWH4 Datasheet(PDF) 2 Page - Clarke International

Part # GWH4
Description  MIG/MMA/TIG INVERTER WELDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH4 Datasheet(HTML) 2 Page - Clarke International

  GWH4 Datasheet HTML 1Page - Clarke International GWH4 Datasheet HTML 2Page - Clarke International GWH4 Datasheet HTML 3Page - Clarke International GWH4 Datasheet HTML 4Page - Clarke International GWH4 Datasheet HTML 5Page - Clarke International GWH4 Datasheet HTML 6Page - Clarke International GWH4 Datasheet HTML 7Page - Clarke International GWH4 Datasheet HTML 8Page - Clarke International GWH4 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Welder. Before attempting to operate the
machine it is essential that you read this manual thoroughly and carefully follow all
instructions given. In doing so you will ensure the safety of yourself and that of others
around you, and you can also look forward to the welder giving you long and
satisfactory service.
SPECIFICATIONS
This welder is covered by regulations EN 60974-1:2018+A1:2019 / EN 60974-
10:2014+A1:2015, where the Duty Cycle is expressed as a percentage of time the
machine may be used in a given period for a specified welding current. e.g. When
welding at 140 Amps the machine may be used for 6 minutes (60%) in any10 minute
period.
Unpacked Weight (kg)
34.2 plus cables & leads
Dimensions (l x w x h) (mm)
855 x 440 x 630 (with base & wheels fitted)
Power Supply
230V~ 50Hz-1ph
Connecting plugs
Terminated bare ends
Peak Input Power
11.73 kW
Max Input Current II Max/II eff
51A/40A
Output Welding Current
MIG 30A-220A
MMA 30A-220A
TIG 30A-220A
IP Rating
IP21S
Insulation Grade
Class 1 - Grade H
Suitable Electrode size
MMA - 1.6 - 5.0mm
TIG - 1.6 - 2.4mm
Welding Wire size
Steel - 0.8mm, 0.9mm & 1.0mm
Aluminium - 1.0 -1.2mm
Max wire feeding speed
24m/min.
Wire spool capacity
5kg /15kg
Welding Capacity (Mild Steel)
1-12 mm (MIG)
1-15 mm (MMA)
1-5 mm (TIG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com