Electronic Components Datasheet Search
  English  ▼

X  

LD155 Datasheet(PDF) 1 Page - LightGraphix

Part # LD155
Description  HIGH-POWER ADJUSTABLE INTERIOR/EXTERIOR RECESSED LED UPLIGHT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD155 Datasheet(HTML) 1 Page - LightGraphix

  LD155 Datasheet HTML 1Page - LightGraphix LD155 Datasheet HTML 2Page - LightGraphix LD155 Datasheet HTML 3Page - LightGraphix LD155 Datasheet HTML 4Page - LightGraphix LD155 Datasheet HTML 5Page - LightGraphix LD155 Datasheet HTML 6Page - LightGraphix LD155 Datasheet HTML 7Page - LightGraphix LD155 Datasheet HTML 8Page - LightGraphix LD155 Datasheet HTML 9Page - LightGraphix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LD155
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 1 of 11 | Data sheet issued: 22 May 2026
>
Removable inner bezel for quick on-site focusing with 3D printed tool that allows
fine adjustment of the tilt angle at set increments up to 25°
>
Innovative ball joint design with multi-directional 360° rotation
>
Interchangeable optics and accessories including a honeycomb louvre
>
E3 LED engine, with NICHIA LED delivering up to 583 lumens at 700mA in 3000K
with built-in reverse polarity protection
>
N1 LED engine options, producing up to 853 lumens at 700mA in 3000K
>
Compact design with excellent thermal management and light output performance
in temperatures up to 45° (500mA)
>
Bezel available in 316 Stainless Steel, Polished & Passivated 316 Stainless Steel
and RAL paint finishes
>
Single light source and optic produces a very consistent beam, no multiple
shadows
>
Toughened glass with black ceramic trim
>
Fitting rated IK08
>
Contains our integral moisture guard (anti-wicking barrier),
stopping water ingress from going up the cable into the product
from incorrect IP-rated connections
>
Switched, 0-10V, Casambi, DMX, DALI, or Mains dimmable drivers available
For full dimensions please go to page 4.
HIGH-POWER ADJUSTABLE INTERIOR/
EXTERIOR RECESSED LED UPLIGHT
LD
155
KEY FEATURES
Dimensions in mm
DIMENSIONS
Ø100
85
Ø80
The LD155 is a high powered, adjustable uplight with
an innovative 360° rotating ball joint containing the
LED, optics and accessories, which can be tilted at set
increments up to 25°. On-site focusing is achieved quickly
with a detachable inner bezel, eliminating the need for
the product to be removed from the mounting surface.
This product can be specified with a wide range of options
allowing it to suit many project requirements including
multiple bezel finishes to choose from. The bezel is
minimal with toughened, black trim glass and an optional
honeycomb louvre can be specified to further reduce glare.
LD155 offers a choice of powerful E3, N1 and F1 LED
engines with outputs up to 853lm, colour temperatures
between 2200K-5000K and excellent CRIs of 90+ (when
choosing N1/F1). This is a unique product that was
designed specifically to provide lighting designers with a
powerful uplight solution that ensures excellent thermal
and light output performance and the ability to make easy
adjustments to the beam position on-site.


Similar Part No. - LD155

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LD1550-C500 ROITHNER-LD1550-C500 Datasheet
372Kb / 3P
Lasing Mode Structure: multi mode Peak Wavelength : typ. 1560 nm Optical Ouput Power: 500 mW, CW Package: 9.0 mm, flat window MPD available on request
More results

Similar Description - LD155

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1903X00X CML-1903X00X Datasheet
363Kb / 1P
LED Indicator 6mm Recessed (Interior) Bezel
1903X25X CML-1903X25X Datasheet
368Kb / 1P
LED Indicator 6mm Recessed (Interior) Bezel
1903X35X CML-1903X35X Datasheet
366Kb / 1P
LED Indicator 6mm Recessed (Interior) Bezel
1904X00X CML-1904X00X Datasheet
361Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel
1904X25X CML-1904X25X Datasheet
411Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel
1905X00X CML-1905X00X Datasheet
364Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
1905X25X CML-1905X25X Datasheet
413Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
1905X35X CML-1905X35X Datasheet
413Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
198010035X500 CML-198010035X500 Datasheet
370Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
198010035X900 CML-198010035X900 Datasheet
371Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com