Electronic Components Datasheet Search
  English  ▼

X  

LD155 Datasheet(PDF) 7 Page - LightGraphix

Part # LD155
Description  HIGH-POWER ADJUSTABLE INTERIOR/EXTERIOR RECESSED LED UPLIGHT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD155 Datasheet(HTML) 7 Page - LightGraphix

Back Button LD155 Datasheet HTML 3Page - LightGraphix LD155 Datasheet HTML 4Page - LightGraphix LD155 Datasheet HTML 5Page - LightGraphix LD155 Datasheet HTML 6Page - LightGraphix LD155 Datasheet HTML 7Page - LightGraphix LD155 Datasheet HTML 8Page - LightGraphix LD155 Datasheet HTML 9Page - LightGraphix LD155 Datasheet HTML 10Page - LightGraphix LD155 Datasheet HTML 11Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LD155
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 7 of 11 | Data sheet issued: 22 May 2026
N1 LED Engine
Cone diagrams below are based on a 3000K N1 LED engine run at maximum output 700mA, 14W. Images below represent beam outputs when wall washing a 3m wall, spaced 125mm away
from the lit surface. Photometric files (LDT) are included in the design pack which can be downloaded from the LD155 product page on the website.
90°
Rotation
/OB
Medium Spot Beam
700mA using a 25° optic
LD150-E1-700 / LW30 / NB (10°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
0.62
0.52
0.41
0.31
0.21
0.10
750
1080
1688
3000
6751
27002
3.0
2.5
2.0
1.5
1.0
0.5
1.06
0.88
0.71
0.53
0.35
0.18
346
498
779
1384
3114
12456
LD150-E1-700 / LW30 / MB (19°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
1.97
1.64
1.32
0.99
0.66
0.33
114
164
256
455
1024
4095
LD150-E1-700 / LW30 / WB (34°)
Distance (m)
Cone Width (m)
Luminance (lx)
XHP35
3.0
2.5
2.0
1.5
1.0
0.5
2.70 / 0.74
2.25 / 0.61
1.80 / 0.49
1.35 / 0.37
0.90 / 0.25
0.45 / 0.12
190
274
428
761
1712
6846
LD150-E1-700 / LW30 / OB (15° x 49°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
3.06
2.55
2.04
1.53
1.02
0.51
55
79
124
220
496
1984
LD150-E1-700 / LW30 / WWB (54°)
Distance (m)
Cone Width (m)
Luminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
11748
2937
1305
734
470
326
0.23
0.47
0.70
0.94
1.17
1.41
/MSB
Medium Beam
700mA using a 35° optic
LD150-E1-700 / LW30 / NB (10°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
0.62
0.52
0.41
0.31
0.21
0.10
750
1080
1688
3000
6751
27002
3.0
2.5
2.0
1.5
1.0
0.5
1.06
0.88
0.71
0.53
0.35
0.18
346
498
779
1384
3114
12456
LD150-E1-700 / LW30 / MB (19°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
1.97
1.64
1.32
0.99
0.66
0.33
114
164
256
455
1024
4095
LD150-E1-700 / LW30 / WB (34°)
Distance (m)
Cone Width (m)
Luminance (lx)
XHP35
3.0
2.5
2.0
1.5
1.0
0.5
2.70 / 0.74
2.25 / 0.61
1.80 / 0.49
1.35 / 0.37
0.90 / 0.25
0.45 / 0.12
190
274
428
761
1712
6846
LD150-E1-700 / LW30 / OB (15° x 49°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
3.06
2.55
2.04
1.53
1.02
0.51
55
79
124
220
496
1984
LD150-E1-700 / LW30 / WWB (54°)
Distance (m)
Cone Width (m)
Luminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
8402
2101
934
525
336
233
0.30
0.60
0.91
1.21
1.51
1.81
/MB
Wide Beam
700mA using a 46° optic
LD150-E1-700 / LW30 / NB (10°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
0.62
0.52
0.41
0.31
0.21
0.10
750
1080
1688
3000
6751
27002
3.0
2.5
2.0
1.5
1.0
0.5
1.06
0.88
0.71
0.53
0.35
0.18
346
498
779
1384
3114
12456
LD150-E1-700 / LW30 / MB (19°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
1.97
1.64
1.32
0.99
0.66
0.33
114
164
256
455
1024
4095
LD150-E1-700 / LW30 / WB (34°)
Distance (m)
Cone Width (m)
Luminance (lx)
XHP35
3.0
2.5
2.0
1.5
1.0
0.5
2.70 / 0.74
2.25 / 0.61
1.80 / 0.49
1.35 / 0.37
0.90 / 0.25
0.45 / 0.12
190
274
428
761
1712
6846
LD150-E1-700 / LW30 / OB (15° x 49°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
3.06
2.55
2.04
1.53
1.02
0.51
55
79
124
220
496
1984
LD150-E1-700 / LW30 / WWB (54°)
Distance (m)
Cone Width (m)
Luminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
5248
1312
583
328
210
146
0.40
0.81
1.21
1.62
2.02
2.42
/WB
Extra Wide Beam
700mA using a 65° optic
LD150-E1-700 / LW30 / NB (10°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
0.62
0.52
0.41
0.31
0.21
0.10
750
1080
1688
3000
6751
27002
3.0
2.5
2.0
1.5
1.0
0.5
1.06
0.88
0.71
0.53
0.35
0.18
346
498
779
1384
3114
12456
LD150-E1-700 / LW30 / MB (19°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
1.97
1.64
1.32
0.99
0.66
0.33
114
164
256
455
1024
4095
LD150-E1-700 / LW30 / WB (34°)
Distance (m)
Cone Width (m)
Luminance (lx)
XHP35
3.0
2.5
2.0
1.5
1.0
0.5
2.70 / 0.74
2.25 / 0.61
1.80 / 0.49
1.35 / 0.37
0.90 / 0.25
0.45 / 0.12
190
274
428
761
1712
6846
LD150-E1-700 / LW30 / OB (15° x 49°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
3.06
2.55
2.04
1.53
1.02
0.51
55
79
124
220
496
1984
LD150-E1-700 / LW30 / WWB (54°)
Distance (m)
Cone Width (m)
Luminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
3020
755
336
189
121
84
0.61
1.22
1.82
2.43
3.04
3.65
/WWB
Oval Beam
700mA using a 22° x 43° optic
LD150-E1-700 / LW30 / NB (10°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
0.62
0.52
0.41
0.31
0.21
0.10
750
1080
1688
3000
6751
27002
3.0
2.5
2.0
1.5
1.0
0.5
1.06
0.88
0.71
0.53
0.35
0.18
346
498
779
1384
3114
12456
LD150-E1-700 / LW30 / MB (19°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
1.97
1.64
1.32
0.99
0.66
0.33
114
164
256
455
1024
4095
LD150-E1-700 / LW30 / WB (34°)
Distance (m)
Cone Width (m)
Luminance (lx)
XHP35
3.0
2.5
2.0
1.5
1.0
0.5
2.70 / 0.74
2.25 / 0.61
1.80 / 0.49
1.35 / 0.37
0.90 / 0.25
0.45 / 0.12
190
274
428
761
1712
6846
LD150-E1-700 / LW30 / OB (15° x 49°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
3.06
2.55
2.04
1.53
1.02
0.51
55
79
124
220
496
1984
LD150-E1-700 / LW30 / WWB (54°)
Distance (m)
Cone Width (m)
Luminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
8082
2021
898
505
323
225
0.39 / 0.22
0.78 / 0.43
1.16 / 0.65
1.55 / 0.86
1.94 / 1.08
2.33 / 1.30
0°
Rotation
/OB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com