Electronic Components Datasheet Search
  English  ▼

X  

LD155 Datasheet(PDF) 6 Page - LightGraphix

Part # LD155
Description  HIGH-POWER ADJUSTABLE INTERIOR/EXTERIOR RECESSED LED UPLIGHT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD155 Datasheet(HTML) 6 Page - LightGraphix

Back Button LD155 Datasheet HTML 2Page - LightGraphix LD155 Datasheet HTML 3Page - LightGraphix LD155 Datasheet HTML 4Page - LightGraphix LD155 Datasheet HTML 5Page - LightGraphix LD155 Datasheet HTML 6Page - LightGraphix LD155 Datasheet HTML 7Page - LightGraphix LD155 Datasheet HTML 8Page - LightGraphix LD155 Datasheet HTML 9Page - LightGraphix LD155 Datasheet HTML 10Page - LightGraphix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 6 of 11 | Data sheet issued: 22 May 2026
E3 LED Engine
Cone diagrams below are based on a 3000K E3 LED engine run at maximum output 700mA, 10W. Images below represent beam outputs when wall washing a 3m wall, spaced 125mm away
from the lit surface. Photometric files (LDT) are included in the design pack which can be downloaded from the LD155 product page on the website.
LD155
90°
Rotation
/NB
/MB
/WB
/WWB
0°
Rotation
/OB
Narrow Beam
700mA using a 12° optic
LD150-E1-700 / LW30 / NB (10°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
0.62
0.52
0.41
0.31
0.21
0.10
750
1080
1688
3000
6751
27002
3.0
2.5
2.0
1.5
1.0
0.5
1.06
0.88
0.71
0.53
0.35
0.18
346
498
779
1384
3114
12456
LD150-E1-700 / LW30 / MB (19°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
1.97
1.64
1.32
0.99
0.66
0.33
114
164
256
455
1024
4095
LD150-E1-700 / LW30 / WB (34°)
Distance (m)
Cone Width (m)
Luminance (lx)
XHP35
3.0
2.5
2.0
1.5
1.0
0.5
2.70 / 0.74
2.25 / 0.61
1.80 / 0.49
1.35 / 0.37
0.90 / 0.25
0.45 / 0.12
190
274
428
761
1712
6846
LD150-E1-700 / LW30 / OB (15° x 49°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
3.06
2.55
2.04
1.53
1.02
0.51
55
79
124
220
496
1984
LD150-E1-700 / LW30 / WWB (54°)
Distance (m)
Cone Width (m)
Luminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
20860
5215
2318
1304
834
579
0.13
0.26
0.38
0.51
0.64
0.77
Medium Beam
700mA using a 19° optic
LD150-E1-700 / LW30 / NB (10°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
0.62
0.52
0.41
0.31
0.21
0.10
750
1080
1688
3000
6751
27002
3.0
2.5
2.0
1.5
1.0
0.5
1.06
0.88
0.71
0.53
0.35
0.18
346
498
779
1384
3114
12456
LD150-E1-700 / LW30 / MB (19°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
1.97
1.64
1.32
0.99
0.66
0.33
114
164
256
455
1024
4095
LD150-E1-700 / LW30 / WB (34°)
Distance (m)
Cone Width (m)
Luminance (lx)
XHP35
3.0
2.5
2.0
1.5
1.0
0.5
2.70 / 0.74
2.25 / 0.61
1.80 / 0.49
1.35 / 0.37
0.90 / 0.25
0.45 / 0.12
190
274
428
761
1712
6846
LD150-E1-700 / LW30 / OB (15° x 49°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
3.06
2.55
2.04
1.53
1.02
0.51
55
79
124
220
496
1984
LD150-E1-700 / LW30 / WWB (54°)
Distance (m)
Cone Width (m)
Luminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
12409
3102
1379
776
496
345
0.17
0.33
0.50
0.67
0.84
1.00
Wide Beam
700mA using a 34° optic
LD150-E1-700 / LW30 / NB (10°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
0.62
0.52
0.41
0.31
0.21
0.10
750
1080
1688
3000
6751
27002
3.0
2.5
2.0
1.5
1.0
0.5
1.06
0.88
0.71
0.53
0.35
0.18
346
498
779
1384
3114
12456
LD150-E1-700 / LW30 / MB (19°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
1.97
1.64
1.32
0.99
0.66
0.33
114
164
256
455
1024
4095
LD150-E1-700 / LW30 / WB (34°)
Distance (m)
Cone Width (m)
Luminance (lx)
XHP35
3.0
2.5
2.0
1.5
1.0
0.5
2.70 / 0.74
2.25 / 0.61
1.80 / 0.49
1.35 / 0.37
0.90 / 0.25
0.45 / 0.12
190
274
428
761
1712
6846
LD150-E1-700 / LW30 / OB (15° x 49°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
3.06
2.55
2.04
1.53
1.02
0.51
55
79
124
220
496
1984
LD150-E1-700 / LW30 / WWB (54°)
Distance (m)
Cone Width (m)
Luminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
5260
1315
584
329
210
146
0.27
0.54
0.82
1.09
1.36
1.63
Extra Wide Beam
700mA using a 54° optic
LD150-E1-700 / LW30 / NB (10°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
0.62
0.52
0.41
0.31
0.21
0.10
750
1080
1688
3000
6751
27002
3.0
2.5
2.0
1.5
1.0
0.5
1.06
0.88
0.71
0.53
0.35
0.18
346
498
779
1384
3114
12456
LD150-E1-700 / LW30 / MB (19°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
1.97
1.64
1.32
0.99
0.66
0.33
114
164
256
455
1024
4095
LD150-E1-700 / LW30 / WB (34°)
Distance (m)
Cone Width (m)
Luminance (lx)
XHP35
3.0
2.5
2.0
1.5
1.0
0.5
2.70 / 0.74
2.25 / 0.61
1.80 / 0.49
1.35 / 0.37
0.90 / 0.25
0.45 / 0.12
190
274
428
761
1712
6846
LD150-E1-700 / LW30 / OB (15° x 49°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
3.06
2.55
2.04
1.53
1.02
0.51
55
79
124
220
496
1984
LD150-E1-700 / LW30 / WWB (54°)
Distance (m)
Cone Width (m)
Luminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
2336
584
206
146
93
65
0.51
1.02
1.54
2.05
2.56
3.07
Oval Beam
700mA using a 15° X 49° optic
LD150-E1-700 / LW30 / NB (10°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
0.62
0.52
0.41
0.31
0.21
0.10
750
1080
1688
3000
6751
27002
3.0
2.5
2.0
1.5
1.0
0.5
1.06
0.88
0.71
0.53
0.35
0.18
346
498
779
1384
3114
12456
LD150-E1-700 / LW30 / MB (19°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
1.97
1.64
1.32
0.99
0.66
0.33
114
164
256
455
1024
4095
LD150-E1-700 / LW30 / WB (34°)
Distance (m)
Cone Width (m)
Luminance (lx)
XHP35
3.0
2.5
2.0
1.5
1.0
0.5
2.70 / 0.74
2.25 / 0.61
1.80 / 0.49
1.35 / 0.37
0.90 / 0.25
0.45 / 0.12
190
274
428
761
1712
6846
LD150-E1-700 / LW30 / OB (15° x 49°)
Distance (m)
Cone Width (m)
Luminance (lx)
3.0
2.5
2.0
1.5
1.0
0.5
3.06
2.55
2.04
1.53
1.02
0.51
55
79
124
220
496
1984
LD150-E1-700 / LW30 / WWB (54°)
Distance (m)
Cone Width (m)
Luminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
Distance (m)
Cone Width (m)
Illuminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
8621
2155
958
539
345
239
0.40 / 0.12
0.81 / 0.24
1.21 / 0.36
1.62 / 0.48
2.02 / 0.60
2.42 / 0.72
CONE DIAGRAMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com