Electronic Components Datasheet Search
  English  ▼

X  

LR20 Datasheet(PDF) 1 Page - LightGraphix

Part # LR20
Description  INTERIOR LINEAR RIGID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LR20 Datasheet(HTML) 1 Page - LightGraphix

  LR20 Datasheet HTML 1Page - LightGraphix LR20 Datasheet HTML 2Page - LightGraphix LR20 Datasheet HTML 3Page - LightGraphix LR20 Datasheet HTML 4Page - LightGraphix LR20 Datasheet HTML 5Page - LightGraphix LR20 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LR20
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 1 of 6 | Data sheet issued: 23 April 2026
KEY FEATURES
>
Colour-matched to the full LightGraphix range for uniform illumination
across all luminaire types
>
Slim, low-profile with a 20mm light-emitting surface
>
24V DC system allowing long lengths from a single driver
>
Colour-matched LEDs within 2-step MacAdam ellipse
>
Continuous lengths up to 2m, 50mm cut increments
>
Wide CCT range from 2200K - 6000K
>
IP20 as standard
>
Matching flexible profile: LF20D
>
Range of mounting and cable exit options
>
Dimming: 0–10 V, DALI, Casambi, DMX, Mains
>
Cut, finished, and tested in the UK
DIMENSIONS
Dimensions in mm
For full dimensions please go to page 3.
Custom
Length
up
to 2000mm
20
20
LR
20
Colour-Matched. Precision-Cut. Quality-Assured.
Built to Blend. Install-Ready.
Trusted by designers for precision, consistency, and total
system integration. Our updated and extended Linear range
brings that same expertise to flexible and rigid luminaires,
giving you the freedom to create clean, continuous lines of
light, perfectly matched in colour, quality, and performance
across every application.
The LR20 is a wide-output rigid linear profile designed to match
the LF20D, delivering powerful, consistent lines of light with
exacting colour uniformity and a refined architectural aesthetic.
Built for uniformity, reliability, and visual control, the LR20
integrates seamlessly with its flexible counterpart to ensure
continuity across every detail of the design.
Engineered, cut, and tested in-house, it provides up to 2m
of continuous light, precision-cut to 50mm increments and
supplied as IP20 for interior architectural applications.
INTERIOR LINEAR RIGID


Similar Part No. - LR20

ManufacturerPart #DatasheetDescription
logo
Energizer
LR20 ENERGIZER-LR20 Datasheet
2Mb / 1P
Zinc-manganese Dioxide No added mercury or cadmium
logo
VARTA AG
LR20 VARTA-LR20 Datasheet
88Kb / 1P
Zn-MnO₂ (Alkaline)
2022-04-06
logo
List of Unclassifed Man...
LR2000 ETC2-LR2000 Datasheet
547Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
logo
Tripp Lite. All Rights ...
LR2000 TRIPPLITE-LR2000 Datasheet
546Kb / 3P
2000W 230V AVR Line Conditioner, Power Conditioner
logo
Leshan Radio Company
LR2001A LRC-LR2001A Datasheet
291Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
More results

Similar Description - LR20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E67008 ETC-E67008 Datasheet
34Kb / 1P
Polypropylene Semi-Rigid Notebooks
logo
PANDUIT CORP.
LD2P10EI8-A PANDUIT-LD2P10EI8-A Datasheet
75Kb / 1P
RIGID PVC POLYVINYL CHLORIDE
logo
List of Unclassifed Man...
PLP5-250 ETC2-PLP5-250 Datasheet
398Kb / 1P
rigid light pipes
logo
Adam Technologies, Inc.
RF2-02-D-02-50 ADAM-TECH-RF2-02-D-02-50 Datasheet
967Kb / 1P
SMA MALE SEMI RIGID
RF2-03-T-00-50 ADAM-TECH-RF2-03-T-00-50 Datasheet
83Kb / 1P
SMA MALE SEMI RIGID
RF2-03-T-00-50-G ADAM-TECH-RF2-03-T-00-50-G Datasheet
116Kb / 1P
SMA MALE SEMI RIGID
RF11-12-T-08-75-G ADAM-TECH-RF11-12-T-08-75-G Datasheet
110Kb / 1P
MCX MALE RIGID 50
logo
OSRAM GmbH
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com