Electronic Components Datasheet Search
  English  ▼

X  

LR20 Datasheet(PDF) 3 Page - LightGraphix

Part # LR20
Description  INTERIOR LINEAR RIGID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LR20 Datasheet(HTML) 3 Page - LightGraphix

  LR20 Datasheet HTML 1Page - LightGraphix LR20 Datasheet HTML 2Page - LightGraphix LR20 Datasheet HTML 3Page - LightGraphix LR20 Datasheet HTML 4Page - LightGraphix LR20 Datasheet HTML 5Page - LightGraphix LR20 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LR20
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 3 of 6 | Data sheet issued: 23 April 2026
LINEAR RIGID RANGE OVERVIEW
LINEAR RIGID RANGE OVERVIEW
LR12
LR12T
LR16C
LR17
LR20
Size
15mm x 12mm
15mm x 18mm
16mm x 16mm
16mm x 17mm
20mm x 20mm
Applications
> Interior
> Surface Mount
> Cove & Contour
> Display & Shelf
> Low Depth
> Interior
> Surface Mount
> Cove & Contour
> Display & Shelf
> Low Depth
> Interior
> Surface Mount
> Cove & Contour
> Display & Shelf
> Low Depth
> Interior
> Surface Mount
> Cove & Contour
> Display & Shelf
> Low Depth
> Interior
> Surface Mount
> Cove & Contour
> Display & Shelf
> Low Depth
IP Rating
IP20
IP20
IP20
IP20
IP20
Lumen/m
500-2000
500-2000
500-2000
500-2000
500-2000
Wattage/m
3-13W
3-13W
3-13W
3-13W
3-13W
CRI
90
90
90
90
90
CCT
2200K, 2400K,
2700K, 3000K,
4000K, 5000K
2200K, 2400K,
2700K, 3000K,
4000K, 5000K
2200K, 2400K,
2700K, 3000K,
4000K, 5000K
2200K, 2400K,
2700K, 3000K,
4000K, 5000K
2200K, 2400K,
2700K, 3000K,
4000K, 5000K
Dynamic options
Tunable white, RGBW
Tunable white, RGBW
Tunable white, RGBW
Rigid Version
LF10
N/A
N/A
LF16D
LF20D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com