Electronic Components Datasheet Search
  English  ▼

X  

LR20 Datasheet(PDF) 6 Page - LightGraphix

Part # LR20
Description  INTERIOR LINEAR RIGID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LR20 Datasheet(HTML) 6 Page - LightGraphix

  LR20 Datasheet HTML 1Page - LightGraphix LR20 Datasheet HTML 2Page - LightGraphix LR20 Datasheet HTML 3Page - LightGraphix LR20 Datasheet HTML 4Page - LightGraphix LR20 Datasheet HTML 5Page - LightGraphix LR20 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LR20
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 6 of 6 | Data sheet issued: 23 April 2026
Drivers
To be used with 24V constant voltage LED Drivers and Controllers, We offer a range of drivers with 1-10V, DMX, and DALI dimming options.
Please download the data sheet from the downloads section at www.lightgraphix.co.uk, or contact us for more information.
/NF
/SC
/3m
Light Engine & Drive Current
LED Colour
Super
Warm White
(2200K)
/922
Very
Warm White
(2400K)
/924
Extra
Warm White
(2700K)
/927
Warm White
(3000K)
/930
White
(4000K)
/940
Cool White
(5000K)
/950
/
/
/
Length (2000mm Max)
LT500
24V 3W/m
LR20-LT500
LT900
24V 6W/m
LR20-LT900
LT1400
24V 9W/m
LR20-LT1400
LT2000
24V 13W/m
LR20-LT2000
Fixing & Profiles
Example: LR20-LT500/927/SC/2000mm
ORDER CODES & OPTIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com