Electronic Components Datasheet Search
  English  ▼

X  

RX72N Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # RX72N
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72N Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button RX72N Datasheet HTML 118Page - Renesas Technology Corp RX72N Datasheet HTML 119Page - Renesas Technology Corp RX72N Datasheet HTML 120Page - Renesas Technology Corp RX72N Datasheet HTML 121Page - Renesas Technology Corp RX72N Datasheet HTML 122Page - Renesas Technology Corp RX72N Datasheet HTML 123Page - Renesas Technology Corp RX72N Datasheet HTML 124Page - Renesas Technology Corp RX72N Datasheet HTML 125Page - Renesas Technology Corp RX72N Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 179 page
background image
R01DS0343EJ0120 Rev.1.20
Page 122 of 179
Nov 15, 2023
RX72N Group
2. Electrical Characteristics
2.4.7.7
POEG
Note 1. tPBcyc: PCLKB cycle
Figure 2.47
POEG Input Timing
Figure 2.48
Output Disable Time for POEG via Detection Flag in Response to the Input Level Detection of the
GTETRGn pin
Table 2.34
POEG Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF,
High-drive output is selected by the drive capacity control register.
Item
Symbol
Min. Typ.
Max.
Unit*1
Test Conditions
POEG GTETRGn input pulse width (n = A to D)
tPOEGW
1.5
—
—
tPBcyc Figure 2.47
Output
disable time
Input level detection of the
GTETRGn pin (via flag)
tPOEGDI
—
—
3 PCLKB + 0.34
µs
Figure 2.48
When the digital noise filter is
not in use (POEGGn.NFEN = 0
(n = A to D))
Detection of the output
stopping signal from
GPTW (deadtime error,
simultaneous high output,
or simultaneous low
output)
tPOEGDE
—
—
0.5
µs
Figure 2.49
Register setting
tPOEGDS
—
—
1 PCLKB + 0.3
µs
Figure 2.50
Time for access to the register
is not included.
Oscillation stop detection
tPOEGDOS
—
—
21
µs
Figure 2.51
GTETRGn input
(n = A to D)
PCLKB
tPOEGW
GTETRGn input
(n = A to D)
GPTW PWM output pins
Outputs disabled
tPOEGDI
tPOEGW
POEGGn.PIDF flag
(n = A to D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com