Electronic Components Datasheet Search
  English  ▼

X  

RX72N Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # RX72N
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72N Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button RX72N Datasheet HTML 146Page - Renesas Technology Corp RX72N Datasheet HTML 147Page - Renesas Technology Corp RX72N Datasheet HTML 148Page - Renesas Technology Corp RX72N Datasheet HTML 149Page - Renesas Technology Corp RX72N Datasheet HTML 150Page - Renesas Technology Corp RX72N Datasheet HTML 151Page - Renesas Technology Corp RX72N Datasheet HTML 152Page - Renesas Technology Corp RX72N Datasheet HTML 153Page - Renesas Technology Corp RX72N Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 179 page
background image
R01DS0343EJ0120 Rev.1.20
Page 150 of 179
Nov 15, 2023
RX72N Group
2. Electrical Characteristics
2.4.7.18
PDC
Note 1. tPBcyc: PCLKB cycle
Figure 2.91
PDC Input Clock Timing
Figure 2.92
PDC Output Clock Timing
Table 2.47
PDC Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF,
High-drive output is selected by the drive capacity control register.
Item
Symbol
Min.*1
Max.
Unit
Test
Conditions
PDC
PIXCLK input cycle time
tPIXcyc
37
—
ns
Figure 2.91
PIXCLK input high pulse width
tPIXH
10
—
ns
PIXCLK input low pulse width
tPIXL
10
—
ns
PIXCLK rising time
tPIXr
—5
ns
PIXCLK falling time
tPIXf
—5
ns
PCKO output cycle time
tPCKcyc
2 × tPBcyc
—
ns
Figure 2.92
PCKO output high pulse width
tPCKH
(tPCKcyc – tPCKr – tPCKf)/2 – 3
—
ns
PCKO output low pulse width
tPCKL
(tPCKcyc – tPCKr – tPCKf)/2 – 3
—
ns
PCKO rising time
tPCKr
—5
ns
PCKO falling time
tPCKf
—5
ns
VSYNC/HSYNC input setup time
tSYNCS
10
—
ns
Figure 2.93
VSYNC/HSYNC input hold time
tSYNCH
5—
ns
PIXD input setup time
tPIXDS
10
—
ns
PIXD input hold time
tPIXDH
5—
ns
tPIXcyc
tPIXH
tPIXf
tPIXL
tPIXr
PIXCLK input
tPCKcyc
tPCKH
tPCKf
tPCKL
tPCKr
PCKO pin output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com