Electronic Components Datasheet Search
  English  ▼

X  

RX72N Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # RX72N
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72N Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button RX72N Datasheet HTML 142Page - Renesas Technology Corp RX72N Datasheet HTML 143Page - Renesas Technology Corp RX72N Datasheet HTML 144Page - Renesas Technology Corp RX72N Datasheet HTML 145Page - Renesas Technology Corp RX72N Datasheet HTML 146Page - Renesas Technology Corp RX72N Datasheet HTML 147Page - Renesas Technology Corp RX72N Datasheet HTML 148Page - Renesas Technology Corp RX72N Datasheet HTML 149Page - Renesas Technology Corp RX72N Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 179 page
background image
R01DS0343EJ0120 Rev.1.20
Page 146 of 179
Nov 15, 2023
RX72N Group
2. Electrical Characteristics
Figure 2.81
Timing with the REF50CK and RMII Signals
Figure 2.82
RMII Transmission Timing
Figure 2.83
RMII Reception Timing (Normal Operation)
Change in
signal level
Signal
Thd
Tsu
Tco
Tf
Tr
Tckr
Tckf
Tck
Signal
90%
50%
10%
70%
50%
REF50CK
RMII0_xxxx*1
30%
Change in
signal level
Change in
signal level
RMIIn_xxxx*1
Note 1. RMIIn_TXD_EN, RMIIn_TXD1, RMIIn_TXD0, RMIIn_CRS_DV, RMIIn_RXD1, RMIIn_RXD0, RMIIn_RX_ER
(n = 0, 1)
Preamble
SFD
DATA
CRC
TCO
TCO
TCK
REF50CK
RMII0_TXD_EN
RMII0_TXD1,
RMII0_TXD0
RMIIn_TXD_EN
RMIIn_TXD_1,
RMIIn_TXD_0
(n = 0, 1)
Preamble
DATA
CRC
SFD
Tsu
Tsu
Thd
Thd
L
REF50CK
RMII0_CRS_DV
RMII0_RXD1,
RMII0_RXD0
RMII0_RX_ER
RMIIn_CRS_DV
RMIIn_RXD_1,
RMIIn_RXD_0
RMIIn_RX_ER
(n = 0, 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com