Electronic Components Datasheet Search
  English  ▼

X  

RX72N Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # RX72N
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72N Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button RX72N Datasheet HTML 139Page - Renesas Technology Corp RX72N Datasheet HTML 140Page - Renesas Technology Corp RX72N Datasheet HTML 141Page - Renesas Technology Corp RX72N Datasheet HTML 142Page - Renesas Technology Corp RX72N Datasheet HTML 143Page - Renesas Technology Corp RX72N Datasheet HTML 144Page - Renesas Technology Corp RX72N Datasheet HTML 145Page - Renesas Technology Corp RX72N Datasheet HTML 146Page - Renesas Technology Corp RX72N Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 179 page
background image
R01DS0343EJ0120 Rev.1.20
Page 143 of 179
Nov 15, 2023
RX72N Group
2. Electrical Characteristics
2.4.7.15
MMC
Note 1. tPBcyc: PCLKB cycle
Note 2. We recommend using pins that have a letter (“-A”, “-B”, etc.) to indicate group membership appended to their names as groups.
For the MMC interface, the AC portion of the electrical characteristics is measured for each group.
Figure 2.79
MMC Interface
Table 2.44
MMC Host Interface Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF,
High-drive output is selected by the drive capacity control register.
Item
Symbol
Min.*1
Max.
Unit
Test
Conditions*2
MMCIF MMC_CLK clock cycle
tMMCPP
2 × tPBcyc
—
ns
Figure 2.79
MMC_CLK clock high level width
tMMCWH
6.5
—
ns
MMC_CLK clock low level width
tMMCWL
6.5
—
ns
MMC_CLK clock rising time
tMMCLH
—3
ns
MMC_CLK clock falling time
tMMCHL
—3
ns
MMC_CMD, MMC_D7 to MMC_D0 output data delay
(data transfer mode)
tMMCODLY
–6.6
6.6
ns
MMC_CMD, MMC_D7 to MMC_D0 input data setup
tMMCISU
8—
ns
MMC_CMD, MMC_D7 to MMC_D0 input data hold
tMMCIH
2.5
—
ns
tMMCPP
tMMCWL
tMMCWH
tMMCHL
tMMCLH
tMMCISU
tMMCIH
tMMCODLY (max)
tMMCODLY (min)
MMC_CLK
MMC_CMD,
MMC_D7 to MMC_D0 input
MMC_CMD,
MMC_D7 to MMC_D0 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com