Electronic Components Datasheet Search
  English  ▼

X  

RX72N Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # RX72N
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72N Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button RX72N Datasheet HTML 140Page - Renesas Technology Corp RX72N Datasheet HTML 141Page - Renesas Technology Corp RX72N Datasheet HTML 142Page - Renesas Technology Corp RX72N Datasheet HTML 143Page - Renesas Technology Corp RX72N Datasheet HTML 144Page - Renesas Technology Corp RX72N Datasheet HTML 145Page - Renesas Technology Corp RX72N Datasheet HTML 146Page - Renesas Technology Corp RX72N Datasheet HTML 147Page - Renesas Technology Corp RX72N Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 179 page
background image
R01DS0343EJ0120 Rev.1.20
Page 144 of 179
Nov 15, 2023
RX72N Group
2. Electrical Characteristics
2.4.7.16
SDHI
Note 1. We recommend using pin names that have a letter (“-A”, “-B”, etc.) to indicate group membership per group in the test.
For the SDHI, the AC portion of the electrical characteristics is measured per group.
Figure 2.80
SD Host Interface Input/Output Signal Timing
Table 2.45
SDHI Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6V, 2.7V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0V,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30pF
High-drive output is selected by the drive capacity control register.
Item
Symbol
Min.
Max.
Unit
Test
Conditions
*1
SDHI
SDHI_CLK output cycle time
tPP(SD)
20
—
ns
Figure 2.80
SDHI_CLK output width at high level
tWH(SD)
0.4 × tPP(SD)
—ns
SDHI_CLK output width at low level
tWL(SD)
0.4 × tPP(SD)
—ns
SDHI_CLK output rising time
tTLH(SD)
—3
ns
SDHI_CLK output falling time
tTHL(SD)
—3
ns
SDHI_CMD, SDHI_D3 to SDHI_D0 output data delay (data
transfer mode)
tODLY(SD)
–6.5
4
ns
SDHI_CMD, SDHI_D3 to SDHI_D0 input data setup time
tISU(SD)
6—
ns
SDHI_CMD, SDHI_D3 to SDHI_D0 input data hold time
tIH(SD)
2—
ns
SDHI_CLK output
SDHI_CMD, SDHI_D3 to SDHI_D0 input
SDHI_CMD, SDHI_D3 to SDHI_D0 output
tWL(SD)
tWH(SD)
tPP(SD)
tISU(SD) tIH(SD)
tTLH(SD)
tTHL(SD)
tODLY(SD)
tODLY(SD)
VIH
50% VCC
VIH
VIH
50% VCC
VL
VL
VL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com