Electronic Components Datasheet Search
  English  ▼

X  

RX140 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # RX140
Description  Renesas MCUs
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX140 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button RX140 Datasheet HTML 56Page - Renesas Technology Corp RX140 Datasheet HTML 57Page - Renesas Technology Corp RX140 Datasheet HTML 58Page - Renesas Technology Corp RX140 Datasheet HTML 59Page - Renesas Technology Corp RX140 Datasheet HTML 60Page - Renesas Technology Corp RX140 Datasheet HTML 61Page - Renesas Technology Corp RX140 Datasheet HTML 62Page - Renesas Technology Corp RX140 Datasheet HTML 63Page - Renesas Technology Corp RX140 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 121 page
background image
R01DS0379EJ0120 Rev.1.20
Page 60 of 121
Nov 22, 2024
RX140 Group
2. Electrical Characteristics
2.5.3
Timing of Recovery from Low Power Consumption Modes
Note 1. When multiple oscillators are operating before entry to software standby mode, the oscillation stabilization wait time will be
selected as the largest value among those for the operating oscillators.
Note 2. For n, the largest value is selected from among the internal clock division settings.
Note 3. The time for recovery from software standby mode is determined by the value obtained by adding the oscillation stabilization
wait time and the time required for operations by the sequencer before release from software standby mode.
Table 2.40
Timing of Recovery from Low Power Consumption Modes (1)
Conditions: 1.8 V ≤ VCC ≤ 5.5 V, 1.8 V ≤ AVCC0 ≤ 5.5 V, VSS = AVSS0 = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Oscillation
stabilization
wait time*1
High-speed
operating
mode/
Middle-
speed
operating
mode
Main clock
oscillator
operating
Main clock oscillator
operating
tSBYOSCWTMC
——
tLOCO + (16 +
Number of
cycles specified
in
MOSCWTCR) /
fLOCO + 2 /
fMOSC + 1 /
fICLK
µs
Main clock oscillator
and PLL circuit
operating
tSBYOSCWTPC
——
tLOCO + (288 +
Number of
cycles specified
in
MOSCWTCR) /
fLOCO + 2 / fPLL
+ 1 / fICLK
Sub-clock oscillator operating
tSBYOSCWTSC
——
3 / fSOSC + 1 /
fICLK
High-speed on-chip oscillator
operating
tSBYOSCWTHO
——
tLOCO + 16 /
fLOCO + 2 /
fHOCO + 1 /
fICLK
Low-speed on-chip oscillator
operating
tSBYOSCWTLO
——
tLOCO
+ 1 / fICLK
Time required for operations by the sequencer before release
from software standby mode*2
tSBYSEQ
——
4 / fLOCO + 11 /
fICLK + 3 /
fPCLKB + 3n /
fsource clock
Recovery
time from
software
standby
mode*3
High-speed
operating
mode/
Middle-
speed
operating
mode
Main clock
oscillator
operating
Main clock oscillator
operating
tSBYMC
——
tSBYOSCWTMC +
tSBYSEQ
Figure 2.24
Main clock oscillator
and PLL circuit
operating
tSBYPC
——
tSBYOSCWTPC +
tSBYSEQ
Sub-clock oscillator operating
tSBYSC
——
tSBYOSCWTSC +
tSBYSEQ
High-speed on-chip oscillator
operating
tSBYHO
——
tSBYOSCWTHO +
tSBYSEQ
Low-speed on-chip oscillator
operating
tSBYLO
——
tSBYOSCWTLO +
tSBYSEQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com