Electronic Components Datasheet Search
  English  ▼

X  

RX140 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # RX140
Description  Renesas MCUs
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX140 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button RX140 Datasheet HTML 20Page - Renesas Technology Corp RX140 Datasheet HTML 21Page - Renesas Technology Corp RX140 Datasheet HTML 22Page - Renesas Technology Corp RX140 Datasheet HTML 23Page - Renesas Technology Corp RX140 Datasheet HTML 24Page - Renesas Technology Corp RX140 Datasheet HTML 25Page - Renesas Technology Corp RX140 Datasheet HTML 26Page - Renesas Technology Corp RX140 Datasheet HTML 27Page - Renesas Technology Corp RX140 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 121 page
background image
R01DS0379EJ0120 Rev.1.20
Page 24 of 121
Nov 22, 2024
RX140 Group
1. Overview
1.6.4
32-pin LQFP, 32-pin HWQFN
Note 1. The power source of the I/O buffer for these pins is AVCC0.
Table 1.8
List of Pins and Pin Functions (32-Pin LQFP, 32-Pin HWQFN)
Pin
No.
Power Supply, Clock,
System Control
I/O Port
Timers
(MTU, TMR, POE, LPT)
Communications
(SCIg, SCIh, SCIk, RSPI, RIIC)
Touch
sensing
Others
1MD
PG7
FINED
2
RES#
3
VSS
4
EXTAL
P36
IRQ2
5VCC
6P35
NMI
7
P31
MTIOC4D/TMCI2
CTS1#/RTS1#/SS1#
IRQ1
8
P30
MTIOC4B/TMRI3/POE8#
RXD1/SMISO1/SSCL1
IRQ0
9
P27
MTIOC2B/TMCI3
SCK1
TS3
10
P26
MTIOC2A/TMO1/LPTO
TXD1/SMOSI1/SSDA1
TS4
11
(5V tolerant)
P17
MTIOC3A/MTIOC3B/TMO1/
POE8#
SCK1/MISOA/SDA0
IRQ7
12
(5V tolerant)
P16
MTIOC3C/MTIOC3D/TMO2
TXD1/SMOSI1/SSDA1/MOSIA/
SCL0
IRQ6/ADTRG0#/
RTCOUT
13
PC7
MTIOC3A/MTCLKB/TMO2/
LPTO
MISOA
TS13
CACREF
14
PC6
MTIOC3C/MTCLKA/TMCI2
MOSIA
TS14
15
PC5
MTIOC0C/MTIOC3B/
MTCLKD/TMRI2
RSPCKA
TS15
16
PC4
MTIOC0A/MTIOC3D/
MTCLKC/TMCI1/POE0#
SCK5/SSLA0
TSCAP
17
VCC
18
PB0
MTIOC3D/MTIC5W
RSPCKA
TS25
19
VSS
20
PA4
MTIOC4C/MTIC5U/MTCLKA/
TMRI0
TXD5/SMOSI5/SSDA5/SSLA0
TS28
IRQ5/CVREFB1
21
PA3
MTIOC0D/MTIOC4D/
MTIC5V/MTCLKD
RXD5/SMISO5/SSCL5
TS29
IRQ6/CMPB1
22
PA1
MTIOC0B/MTIOC3B/
MTCLKC
SCK5/SSLA2
TS31
23
PE4
MTIOC1A/MTIOC4A/
MTIOC4D
TS33
AN020/CMPA2/
CLKOUT
24
PE3
MTIOC1B/MTIOC4B/POE8#
CTS12#/RTS12#
TS34
AN019/CLKOUT
25
PE2
MTIOC4A
RXD12/SSCL12/RXDX12
TS35
IRQ7/AN018/CVREFB0
26
PE1
MTIOC4C
TXD12/SSDA12/TXDX12/SIOX12
AN017/CMPB0
27
P42*1
AN002
28
P41*1
AN001
29
P40*1
AN000
30
AVCC0/VREFH0
31
AVSS0/VREFL0
32
VCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com