Electronic Components Datasheet Search
  English  ▼

X  

R5F52607ADFN Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R5F52607ADFN
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52607ADFN Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R5F52607ADFN Datasheet HTML 9Page - Renesas Technology Corp R5F52607ADFN Datasheet HTML 10Page - Renesas Technology Corp R5F52607ADFN Datasheet HTML 11Page - Renesas Technology Corp R5F52607ADFN Datasheet HTML 12Page - Renesas Technology Corp R5F52607ADFN Datasheet HTML 13Page - Renesas Technology Corp R5F52607ADFN Datasheet HTML 14Page - Renesas Technology Corp R5F52607ADFN Datasheet HTML 15Page - Renesas Technology Corp R5F52607ADFN Datasheet HTML 16Page - Renesas Technology Corp R5F52607ADFN Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 142 page
background image
R01DS0430EJ0100 Rev.1.00
Page 13 of 142
Jul 31, 2024
RX260 Group, RX261 Group
1. Overview
1.3
Block Diagram
Figure 1.2 shows a block diagram.
Figure 1.2
Block Diagram
Clock
generation
circuit
RX CPU
RAM
ROM
Port 1
Port 2
Port 4
Port 5
Temperature sensor
REMCa × 1 channel
8-bit D/A converter × 2 channels
IWDTa
CMT × 2 channels (Unit 1)
RIICa × 1 channel
RTCB × 1 channel
TMRa × 2 channels (Unit 0)
CRC
DTCb
ICUb
Comparator B
WDTA
Port A
Port B
Port C
Port D
RSCI × 3 channels
Port 3
12-bit A/D converter × 25 channels
Port E
Port G
Port H
DOC
GPTW × 8 channels
POEG
SCIh × 1 channel
TMRa × 2 channels (Unit 1)
RSPIc × 1 channel
Port 0
ELC
LPTa
CANFD × 1 channel
CTSU2SLa
CAC
Port J
RSIP-E11A
SCIk × 3 channels
E2 DataFlash
USB 2.0 FS host/function module
DMAC
× 4
channels
MPU
CMT × 2 channels (Unit 0)
ICUb:
Interrupt controller
DTCb:
Data transfer controller
DMAC:
DMA controller
WDT:
Watchdog timer
IWDTa:
Independent watchdog timer
ELC:
Event link controller
CRC:
CRC (cyclic redundancy check) calculator
SCIk, SCIh: Serial communications interface
RSCI:
Serial communications interface
RSPI:
Serial peripheral interface
RIICa:
I2C bus interface
REMCa:
Remote control signal receiver
CANFD:
CANFD module
GPTW:
General PWM timer
POEG:
Port output enable for GPTW
CMT:
Compare match timer
RTCB:
Realtime clock
DOC:
Data operation circuit
CAC:
Clock frequency accuracy measurement circuit
CTSU2SLa: Capacitive touch sensing unit
TMRa:
8-bit timer
LPTa:
Low power timer
RSIP-E11A: Renesas Secure IP
Note:
Available functions depend on the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com