Electronic Components Datasheet Search
  English  ▼

X  

MK50H27 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MK50H27
Description  Signalling System 7 Link Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H27 Datasheet(HTML) 2 Page - STMicroelectronics

  MK50H27 Datasheet HTML 1Page - STMicroelectronics MK50H27 Datasheet HTML 2Page - STMicroelectronics MK50H27 Datasheet HTML 3Page - STMicroelectronics MK50H27 Datasheet HTML 4Page - STMicroelectronics MK50H27 Datasheet HTML 5Page - STMicroelectronics MK50H27 Datasheet HTML 6Page - STMicroelectronics MK50H27 Datasheet HTML 7Page - STMicroelectronics MK50H27 Datasheet HTML 8Page - STMicroelectronics MK50H27 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
INTRODUCTION (Continued)
and out of memory through the Host’s bus.
A
possible system configuration for the MK50H27 is
shown in figure 1.
For added flexibility a transparent mode provides
an HDLC transport mechanism without link layer
support. In this mode no protocol processing is
done, all data received between opening flag and
CRC is written to the shared memory buffer and it
is up to the user to take care of the upper level
software.
The MK50H27 may be used with any of several
popular microprocessors, such as: 68040 ...
68000, 6800, Z8000, Z80, 80486 ... 8086, i960,
etc.
The MK50H27 may be operated in either full or
half duplex mode. In half duplex mode, the RTS
and CTS modem control pins are provided. In full
duplex mode, these pins become user program-
mable I/O pins. All signal pins on the MK50H27
are TTL compatible. This has the advantage of
making the MK50H27 independent of the physical
interface. As shown in figure 1, line drivers and
receivers are used for electrical connection to the
physical layer.
VSS-GND
DAL07
DAL06
DAL05
DAL04
DAL03
DAL02
DAL01
DAL00
READ
INTR
DALI
DALO
DAS
BMO, BYTE, BUSREL
BMI, BUSAKO
HOLD, BUSRQ
ALE, AS
CS
ADR
READY
RESET
VSS-GND
24
HLDA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
48
47
46
45
44
43
42
41
40
39
38
37
36
23
22
21
20
19
18
17
16
15
35
34
33
32
31
30
29
28
27
26
25
TCLK
A18
A19
A20
A21
A22
A23
RD
DSR, CTS
TD
SYSCLK
RCLK
DTR, RTS
VCC (+5V)
DAL08
DAL09
DAL10
DAL11
DAL12
DAL13
DAL14
DAL15
A16
A17
M
K
5
0
H
2
7
DIP48 PIN CONNECTION (Top view)
MK50H27
2/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com