Electronic Components Datasheet Search
  English  ▼

X  

MK50H27 Datasheet(PDF) 6 Page - STMicroelectronics

Part # MK50H27
Description  Signalling System 7 Link Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H27 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button MK50H27 Datasheet HTML 2Page - STMicroelectronics MK50H27 Datasheet HTML 3Page - STMicroelectronics MK50H27 Datasheet HTML 4Page - STMicroelectronics MK50H27 Datasheet HTML 5Page - STMicroelectronics MK50H27 Datasheet HTML 6Page - STMicroelectronics MK50H27 Datasheet HTML 7Page - STMicroelectronics MK50H27 Datasheet HTML 8Page - STMicroelectronics MK50H27 Datasheet HTML 9Page - STMicroelectronics MK50H27 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Table 1: PIN DESCRIPTION (continued)
SIGNAL NAME
PIN(S)
TYPE
DESCRIPTION
As a Bus Slave, the MK50H27 asserts READY when it has put data on the
DAL lines during a READ cycle or is about to take data from the DAL lines
during a WRITE cycle. READY is a response to DAS and it will be released
after DAS or CS is negated.
RESET
23
[25]
I
RESET is the Bus signal that will cause MK50H27 to cease operation, clear
its internal logic and enter an idle state with the Stop bit of CSR0 set.
TCLK
25
[28]
I
TRANSMIT CLOCK. A 1x clock input for transmitter timing. TD changes on
the falling edge of TCLK. The frequency of TCLK may not be greater than
the frequency of SYSCL
DTR
RTS
26
[29]
IO
DATA TERMINAL READY, REQUEST TO SEND. Modem control pin. Pin
26 is configurable through CSR5. This pin can be programmed to behave as
output RTS or as programmable IO pin DTR. If configured as RTS, the
MK50H27 will assert this pin if it has data to send and throughout the
transmission of a signal unit.
RCLK
27
[30]
I
RECEIVE CLOCK. A 1x clock input for receiver timing. RD is sampled on
the rising edge of RCLK. The frequency of RCLK may not be greater than
the frequency of SYSCLK.
SYSCLK
28
[31]
I
SYSTEM CLOCK. System clock used for internal timing of the MK50H27.
SYSCLK should be a square wave, of frequency up to 33 MHz.
TD
29
[32]
O
TRANSMIT DATA. Transmit serial data output.
DSR
CTS
30
[33]
IO
DATA SET READY, CLEAR TO SEND. Modem Control Pin. Pin 30 is
configurable through CSR5. This pin can be programmed to behave as input
CTS or as programmable IO pin DSR. If configured as CTS, the MK50H27
will transmit all ones while CTS is high.
RD
31
[34]
I
RECEIVE DATA. Received serial data input.
A<23:16>
32-39
[37-43]
O/3S
Address bits <23:16> used in conjunction with DAL<15:00> to produce a 24
bit address. MK50H27 drives these lines only as a Bus Master. A23-A20
may be driven continuously as described in the CSR4<7> BAE bit.
VSS-GND
1,24
[1,26]
Ground Pins
VCC
48
[52]
Power Supply Pin
+5.0 VDC + 5%
SECTION 3
OPERATIONAL DESCRIPTION
The SGS-Thomson MK50H27 Multi-Logical Link
Communications Controller device is a VLSI prod-
uct intended for high performance data communi-
cation applications requiring SDLC link level con-
trol. The
MK50H27 will
perform all
frame
formatting, such as: frame delimiting with flags,
FCS (CRC) generation and detection, and zero
bit insertion and deletion for transparency. The
MK50H27 also handles all supervisory (S) and
unnumbered (U) frames (see Tables A & B). The
MK50H27 also includes a buffer management
mechanism that allows the user to transmit and/or
receive multiple frames for each active channel
or DLCI. Contained in the buffer management is
an on-chip dual channel DMA: one channel for re-
ceive and one channel for transmit.
The MK50H27 can be used with any popular 16
or 8 bit microprocessor. A possible system con-
figuration for the MK50H27 is shown in Figure 1.
This document assumes that the processor has a
byte addressable memory organization.
The MK50H27 will move multiple blocks of re-
ceive and transmit data directly in and out of
memory through the Host’s bus.
The MK50H27 may be operated in full or half du-
plex mode.
In half duplex mode the RTS and
CTS modem control pins are provided. In full du-
plex mode, these pins become user programma-
ble I/O pins.
All signal pins on the MK50H27 are TTL compat-
ible.
This has the advantage of making the
MK50H27 independent of the physical interface.
As shown in Fig. 1, line drivers and receivers are
used for electrical connection to the physical
layer.
MK50H27
6/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com