Electronic Components Datasheet Search
  English  ▼

X  

MK50H27 Datasheet(PDF) 4 Page - STMicroelectronics

Part # MK50H27
Description  Signalling System 7 Link Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H27 Datasheet(HTML) 4 Page - STMicroelectronics

  MK50H27 Datasheet HTML 1Page - STMicroelectronics MK50H27 Datasheet HTML 2Page - STMicroelectronics MK50H27 Datasheet HTML 3Page - STMicroelectronics MK50H27 Datasheet HTML 4Page - STMicroelectronics MK50H27 Datasheet HTML 5Page - STMicroelectronics MK50H27 Datasheet HTML 6Page - STMicroelectronics MK50H27 Datasheet HTML 7Page - STMicroelectronics MK50H27 Datasheet HTML 8Page - STMicroelectronics MK50H27 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
SIGNAL NAME
PIN(S)
TYPE
DESCRIPTION
DAL<15:00>
2-9
40-47
[2-10
44-51]
IO/3S
The time multiplexed Data/Address bus. During the address portion of a
memory transfer, DAL<15:00> contains the lower 16 bits of the memory
address.
During the data portion of a memory transfer, DAL<15:00> contains the read
or write data, depending on the type of transfer.
READ
10
[11]
IO/3S
READ indicates the type of operation that the bus controller is performing
during a bus transaction. READ is driven by the MK50H27 only while it is the
BUS MASTER. READ is valid during the entire bus transaction and is
tristated at all other times.
MK50H27 as a Bus Slave :
READ = HIGH - Data is placed on the DAL lines by the chip.
READ = LOW - Data is taken off the DAL lines by the chip.
MK50H27 as a Bus Master :
READ = HIGH - Data is taken off the DAL lines by the chip.
READ = LOW - Data is placed on the DAL lines by the chip.
INTR
11
[12]
O/OD
INTERRUPT is an attention interrupt line that indicates that one or more of
the following CSR0 status flags is set: MISS, MERR, RINT, TINT or PINT.
INTERRUPT is enabled by CSR0<09>, INEA=1.
DALI
12
[13]
O/3S
DAL IN is an external bus transceiver control line. DALI is driven by the
MK50H27 only while it is the BUS MASTER. DALI is asserted by the
MK50H27 when it reads from the DAL lines during the data portion of a
READ transfer. DALI is not asserted during a WRITE transfer.
DALO
13
[14]
O/3S
DAL OUT is an external bus transceiver control line. DALO is driven by the
MK50H27 only while it is the BUS MASTER. DALO is asserted by the
MK50H27 when it drives the DAL lines during the address portion of a READ
transfer or for the duration of a WRITE transfer.
DAS
14
[15]
IO/3S
DATA STROBE defines the data portion of a bus transaction. By definition,
data is stable and valid at the low to high transition of DAS. This signal is
driven by the MK50H27 while it is the BUS MASTER. During the BUS
SLAVE operation, this pin is used as an input. At all other times the signal is
tristated.
BMO
BYTE
BUSREL
15
[16]
IO/3S
I/O pins 15 and 16 are programmable through CSR4. If bit 06 of CSR4 is set
to a one, pin 15 becomes input BUSREL and is used by the host to signal
the MK50H27 to terminate a DMA burst after the current bus transfer has
completed. If bit 06 is clear then pin 15 is an output and behaves as
described below for pin 16.
BM1
BUSAKO
16
[18]
O/3S
Pins 15 and 16 are programmable through bit 00 of CSR4 (BCON).
If CSR4<00> BCON = 0,
I/O PIN 15 = BMO (O/3S)
I/O PIN 16 = BM1 (O/3S)
BYTE MASK<1:0> Indicates the byte(s) on the DAL to be read or written
during this bus transaction. MK50H27 drives these lines only as a Bus
Master. MK50H27 ignores the BM lines when it is a Bus Slave.
Byte selection is done as outlined in the following table.
BM1
BM0
TYPE OF TRANSFER
LOW
LOW
ENTIRE WORD
LOW
HIGH
UPPER BYTE
(DAL<15:08>)
HIGH
LOW
LOWER BYTE
(DAL<07:00>)
HIGH
HIGH
NONE
TAble 1 - PIN DESCRIPTION
LEGEND:
I
Input only
O
Output only
IO
Input / Output
3S
3-State
OD
Open Drain (no internal pull-up)
Note:
Pin out for 52 pin PLCC is shown in brackets.
MK50H27
4/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com