Electronic Components Datasheet Search
  English  ▼

X  

MK50H28 Datasheet(PDF) 10 Page - STMicroelectronics

Part # MK50H28
Description  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button MK50H28 Datasheet HTML 6Page - STMicroelectronics MK50H28 Datasheet HTML 7Page - STMicroelectronics MK50H28 Datasheet HTML 8Page - STMicroelectronics MK50H28 Datasheet HTML 9Page - STMicroelectronics MK50H28 Datasheet HTML 10Page - STMicroelectronics MK50H28 Datasheet HTML 11Page - STMicroelectronics MK50H28 Datasheet HTML 12Page - STMicroelectronics MK50H28 Datasheet HTML 13Page - STMicroelectronics MK50H28 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
3.1.7 DMA Controller
The MK50H28 has an on-chip DMA Controller cir-
cuit. This allows it to access memory without re-
quiring host software intervention. Whenever the
MK50H28 requires access to the host memory it
will negotiate for mastership of the bus.
Upon
gaining control of the bus the MK50H28 will begin
transferring data to or from memory.
The
MK50H28 will perform memory transfers until
either it has nothing more to transfer, it has
reached its DMA burst limit (user programmable),
or the BUSREL pin is driven low. In any case, it
will complete the current bus transfer before re-
leasing bus mastership back to the host. If during
a memory transfer, the memory does not respond
within 256 SCLK cycles, the MK50H28 will re-
lease ownership of the bus immediately and the
MERR bit will be set in CSR0. The DMA burst
limit can be programmed by the user through
CSR4. In 16 bit mode the limit can be set to 1
word, 8 words, or unlimited word transfers. In 8
bit mode,it can be set to 2 bytes, 16 bytes, or un-
limited byte transfers. For high speed data lines
(i.e. > 1 Mbps) a burst limit of 8 words, 16 bytes
or unlimited is suggested to allow maximum
throughput.
The byte ordering of the DMA transfers can be
programmed to account for differences in proces-
sor architectures or host programming languages.
Byte ordering can be programmed separately for
data and control information. Data information is
defined as all contents of data buffers; control in-
formation is defined as anything else in the
shared memory space (i.e. initialization block, de-
scriptors, etc). For more information see section
4.1.2.5 on Control and Status Register 4.
3.1.8 Bus Slave Circuitry
The MK50H28 contains a bank of internal con-
trol/status registers (CSR0-5) which can be ac-
cessed by the host as a peripheral. The host can
read or write to these registers like any other bus
slave. The contents of these registers are listed in
Section 4 and bus signal timing is described in
Figures 13 and 14.
3.2 Memory/Buffer Management Overview
The MK50H28 memory structure (Fig. 3) consists
of various blocks of off-chip memory. Only the
Control/Status registers, some RAM and firmware
ROM are onboard the chip. The Initialization
Block, Priority DLCI Block, Status Buffer, Address
Lookup Table (ALT), Context Table (CT), Trans-
mit/Receive Rings and Buffers are in the off-chip
memory.
The buffer management is a circular queue of
tasks in memory called descriptor rings.
There
are separate rings to describe the transmit and
receive operations. The MK50H28 buffer man-
agement mechanism will handle data frames
which are longer than the length of an individual
buffer. This is done by a chaining method which
utilizes multiple buffers. The MK50H28 tests the
next segment in the descriptor ring in a look-
ahead manner. If the packet is too long for one
buffer, the next buffer will be used after filling the
first buffer (that is chained to the previous buffer).
The MK50H28 will then look ahead to the next
buffer, and chain that buffer also if necessary,
and so on.
3.2.1 Initialization Block
The MK50H28 initialization information is located
in a block of off- chip memory called the Initializa-
tion Block. The Initialization Block consists of 44
contiguous words of memory starting on a word
boundary. The starting address for the initializa-
tion block, IADR, is defined in the CSR2 and
CSR3 registers inside the MK50H28. This mem-
ory is assembled by the HOST, and the first 15
words are accessed by the MK50H28 during in-
itialization. The Initialization Block (refer to sec-
tion 4.2) is comprised of:
A. Mode of Operation.
B. The nN1, nN2, and nN3 counters.
C. The dN1(Max Frame Length) counter.
D. The nT1, nT2 and TP (Transmit Polling) timers.
E. Pointer to the beginning of Context Table.
F. Pointer to the beginning of Address LookupTable.
G. Pointer to the beginning of Status Buffer.
H. Error Counters and Statistics.
3.2.1.1 Priority DLCI Block (PDB)
The Priority DLCI Block consists of Context Table
indices for the priority channels. These indices
are a mechanism through which the host can de-
mand the MK50H28 to immediately service cer-
tain desired DLCIs. The host should first set up
entries in the PDB before setting the PTDMD bit
in CSR2. In response to that, the MK50H28, after
completing transmission service of its current
DLCI, will jump to the PDB rather than advancing
to the next entry in the context table. After servic-
ing all active entries in the PDB, the MK50H28
will return to the Context Table and resume the
transmission service that was in progress before
it was interrupted.
3.2.1.2 Interrupt Descriptor Rings
The MK50H28 has two descriptor ring structures
for the purpose of queing Transmit and Receive
interrupts. The pointers to these two descriptor
rings are located at IADR+24 thru IADR+30 in the
initialization Block. These descriptor rings are of
MK50H28
10/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com