Electronic Components Datasheet Search
  English  ▼

X  

MK50H28 Datasheet(PDF) 27 Page - STMicroelectronics

Part # MK50H28
Description  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button MK50H28 Datasheet HTML 23Page - STMicroelectronics MK50H28 Datasheet HTML 24Page - STMicroelectronics MK50H28 Datasheet HTML 25Page - STMicroelectronics MK50H28 Datasheet HTML 26Page - STMicroelectronics MK50H28 Datasheet HTML 27Page - STMicroelectronics MK50H28 Datasheet HTML 28Page - STMicroelectronics MK50H28 Datasheet HTML 29Page - STMicroelectronics MK50H28 Datasheet HTML 30Page - STMicroelectronics MK50H28 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
4.2 Initialization / Priority DLCI Block
MK50H28 initialization includes the reading of the Initialization Block in the off-chip memory to obtain the
operating parameters. The Initialization Block is defined below. Upon receiving an Init primitive, the first
16 words of the Initialization block are read by the MK50H28. The remainder of the Initialization block
will be read as needed by the MK50H28. Memory at IADR+32 - IADR+38 should always be initialized
with 0’s prior to issuing the Init Primitive. Any changes to IADR+00 - IADR+31 after initialization require
that the device be stopped and Init primitive be issued again in order to take effect. It is not necessary
that the device be re-initialized after changes to bits in the CSRs (Control and Status Registers).
MODE
BASE ADDRESS
HIGHER ADDR
IADR+00
IADR+02
IADR+04
IADR+06
IADR+08
IADR+10
IADR+12
IADR+14
RESERVED
Counter dN1 (Max Frame Length)
IADR+16
IADR+18
IADR+20
IADR+22
SCALER
Timer nT1 / T391
Timer nT2 / T392
Timer TP
CTADR <15:00>
ALTADR <23:16>
ALTADR <15:00>
IADR+24
IADR+28
Counter nN1/N391
CTADR <23:16>
RESERVED
TINTADR<23:16>
RINTADR <23:16>
RESERVED
SBA <15:00>
IADR+40
IADR+44
ERROR COUNTERS
PRIORITY DLCI
IADR+96
THRU
IADR+XX
BLOCK
THRU
IADR+89
Counter nN1
SBA <15:00>
(If EIBEN=1)
IADR+42
TINTADR <23:16>
RINTADR<23:16>
RESERVED
RESERVED
Ntwk N393
Ntwk N392
User N393
/ nN3
User N392
/ nN2
and STATISTICS
RESERVED
(256 Entries Maximum)
RESERVED-Must be written with 0’s
IADR+32-38
Figure 8: Initialization / Priority DLCI Block
MK50H28
27/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com