Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021E Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 40Page - Renesas Technology Corp AT45DB021E Datasheet HTML 41Page - Renesas Technology Corp AT45DB021E Datasheet HTML 42Page - Renesas Technology Corp AT45DB021E Datasheet HTML 43Page - Renesas Technology Corp AT45DB021E Datasheet HTML 44Page - Renesas Technology Corp AT45DB021E Datasheet HTML 45Page - Renesas Technology Corp AT45DB021E Datasheet HTML 46Page - Renesas Technology Corp AT45DB021E Datasheet HTML 47Page - Renesas Technology Corp AT45DB021E Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
DS-AT45DB021E-8789 Rev. N
Page 44
3/24/26
© 2012-2026 Renesas Electronics
AT45DB021E Datasheet
Table 32. Detailed Bit-level Addressing Sequence for Standard DataFlash Page Size (264 bytes)
Note: P = Page address bit; B = Byte/Buffer address bit; X = Dummy bit.
Page Size = 264-bytes
Address Byte
Address Byte
Address Byte
Additional
Dummy
Bytes
Opcode
Opcode
01h
00 00000 1 XXXX XPPPPP PPPP PBBBBB BBBB
N/A
02h
00 00001 0 XXXX XPPPPP PPPP PBBBBB BBBB
N/A
03h
00 00001 1 XXXX XPPPPP PPPP PBBBBB BBBB
N/A
0Bh
0 0 00101 1 XXXX XPPPPP PPPP PBBBBB BBBB
1
1Bh
0 0 01101 1 XXXX XPPPPP PPPP PBBBBB BBBB
2
32h
00 11001 0 XXXX XXXXXX XXXX XXXXXX XXXX
N/A
35h
00 11010 1 XXXX XXXXXX XXXX XXXXXX XXXX
N/A
50h
01 01000 0 XXXX XPPPPP PPXX XXXXXX XXXX
N/A
53h
01 01001 1 XXXX XPPPPP PPPP PXXXXX XXXX
N/A
58h[1]
1. Shown to indicate when Auto Page Rewrite Operation is executed.
01 01100 0 XXXX XPPPPP PPPP PXXXXX XXXX
N/A
58h[2]
2. Shown to indicate when Read Modify Write Operation is executed.
01 01100 0 XXXX XPPPPP PPPP PBBBBB BBBB
N/A
60h
01 10000 0 XXXX XPPPPP PPPP XXXXXX XXXX
N/A
77h
01 11011 1 XXXX XXXXXX XXXX XXXXXX XXXX
N/A
79h
01 11100 1
N/A
N/A
N/A
N/A
7Ch
0 1 11110 0 XXXX XPPPXX XXXX XXXXXX XXXX
N/A
81h
10 00000 1 XXXX XPPPPP PPPP PXXXXX XXXX
N/A
82h
10 00001 0 XXXX XPPPPP PPPP PBBBBB BBBB
N/A
83h
10 00001 1 XXXX XPPPPP PPPP PXXXXX XXXX
N/A
84h
10 00010 0 XXXX XXXXXX XXXX XBBBBB BBBB
N/A
88h
10 00100 0 XXXX XPPPPP PPPP PXXXXX XXXX
N/A
9Fh
1 0 01111 1
N/A
N/A
N/A
N/A
B9h
1 0 11100 1
N/A
N/A
N/A
N/A
ABh
1 0 10101 1
N/A
N/A
N/A
N/A
D1h
1 1 01000 1 XXXX XXXXXX XXXX XBBBBB BBBB
N/A
D2h
1 1 01001 0 XXXX XPPPPP PPPP PBBBBB BBBB
4
D4h
1 1 01010 0 XXXX XXXXXX XXXX XBBBBB BBBB
1
D7h
1 1 01011 1
N/A
N/A
N/A
N/A
E8h
1 1 10100 0 XXXX XPPPPP PPPP PBBBBB BBBB
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com