Electronic Components Datasheet Search
  English  ▼

X  

SLG47004 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SLG47004
Description  GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47004 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SLG47004 Datasheet HTML 35Page - Renesas Technology Corp SLG47004 Datasheet HTML 36Page - Renesas Technology Corp SLG47004 Datasheet HTML 37Page - Renesas Technology Corp SLG47004 Datasheet HTML 38Page - Renesas Technology Corp SLG47004 Datasheet HTML 39Page - Renesas Technology Corp SLG47004 Datasheet HTML 40Page - Renesas Technology Corp SLG47004 Datasheet HTML 41Page - Renesas Technology Corp SLG47004 Datasheet HTML 42Page - Renesas Technology Corp SLG47004 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 303 page
background image
Datasheet
19-Nov-2024
CFR0011-120-00
Revision 3.9
39 of 302
© 2024 Renesas Electronics Corporation
SLG47004
GreenPAK Programmable Mixed-Signal Matrix
with In-System Programmability and Advanced Analog Features
5
IO Pins
The SLG47004 has a total of 7 GPIO Pins which can function as either a user-defined Input or Output, as well as serve as a
special function (such as outputting the voltage reference) and 1 GPI Pin.
5.1 GPIO PINS
IO0, IO1, IO2, IO3, IO4, IO5, and IO6 serve as General Purpose IO Pins.
5.2 GPI PINS
I0 serves as General Purpose Input Pin. It is strongly recommended to connect I0 (Pin21) to the ground if it is not used in the
project.
5.3 PULL-UP/DOWN RESISTORS
All IO Pins have the option of user-selectable resistors that can be connected to the pin structure. The selectable values on these
resistors are 10 k
Ω, 100 kΩ, and 1 MΩ. The internal resistors can be configured as either Pull-up or Pull-downs.
5.4 FAST PULL-UP/DOWN DURING POWER-UP
During power-up, IO Pull-up/down resistance will switch to 2.6 k
Ω initially and then it will switch to normal setting value. This
function is enabled by register [1207].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com