Electronic Components Datasheet Search
  English  ▼

X  

SLG47004 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SLG47004
Description  GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47004 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SLG47004 Datasheet HTML 9Page - Renesas Technology Corp SLG47004 Datasheet HTML 10Page - Renesas Technology Corp SLG47004 Datasheet HTML 11Page - Renesas Technology Corp SLG47004 Datasheet HTML 12Page - Renesas Technology Corp SLG47004 Datasheet HTML 13Page - Renesas Technology Corp SLG47004 Datasheet HTML 14Page - Renesas Technology Corp SLG47004 Datasheet HTML 15Page - Renesas Technology Corp SLG47004 Datasheet HTML 16Page - Renesas Technology Corp SLG47004 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 303 page
background image
Datasheet
19-Nov-2024
CFR0011-120-00
Revision 3.9
13 of 302
© 2024 Renesas Electronics Corporation
SLG47004
GreenPAK Programmable Mixed-Signal Matrix
with In-System Programmability and Advanced Analog Features
2
Pinout
2.1 PIN CONFIGURATION - STQFN-24L
Table 1: Functional Pin Description
Pin No.
Pin
Name
Signal
Name
Function
Input
Options
Output
Options
STQFN 24L
1
VDDA
VDDA
Analog Power Supply
--
--
2
AGND
AGND
Analog Ground
--
--
3
OA0-
OA0-
Op Amp0
Inverting Input
Analog
--
4
OA0+
OA0+
Op Amp0
Non-Inverting Input
Analog
--
5
OA0_OUT
OA0_OUT
Op Amp0 Output
--
Analog
ACMP0L+
Analog Comparator 0 Positive In-
put
Analog
--
6
RH0_A
RH0_A
Digital Rheostat 0
Terminal A
--
--
Pin # Signal Name Pin Functions
1
VDDA
Analog Power Supply
2
AGND
Analog Ground
3
OA0-
Op Amp0 Inverting Input
4
OA0+
Op Amp0 Non-Inverting Input
5
OA0_OUT Op Amp0_OUT/ACMP0L+ /
6
RH0_A
Digital Rheostat 0 Terminal A
7
RH0_B
Digital Rheostat 0 Terminal B
8
RH1_A
Digital Rheostat 1 Terminal A
9
RH1_B
Digital Rheostat 1 Terminal B
10
SCL
I2C_SCL
11
SDA
I2C_SDA
12
IO0
GPIO, ACMP0L-, ACMP1L-, EXT_OSC0_IN,
Vref0_Out or Temp_Sens_Out
13
VDD
Digital Power Supply
14
GND
Digital Ground
15
IO1
GPIO, Chop_ACMP+, Vref1_OUT or
Temp_Sens_Out, EXT_OSC1_IN or SLA_0
16
IO2
GPIO, ACMP0L+, EXT_OSC2_IN, SLA_1
17
IO3
GPIO, AS_1_A, ACMP1L+ or SLA_2
18
IO4
GPIO, AS_1_B, Chop_ACMP-or SLA_3
19
IO5
GPIO, AS_0_B
20
IO6
GPIO, AS_0_A, HD_Buff_Out, In Amp_Vref
21
I0
GPI, In Amp_OUT
22
OA1_OUT Op Amp1_OUT, ACMP1L+
23
OA1+
Op Amp1 Non-inverting Input
24
OA1-
Op Amp1 Inverting Input
Legend:
IO2
IO3
IO4
OA0+
OA0-
2
3
4
16
17
18
AGND
VDDA
1
RH0_A
OA0_OUT
5
6
GND
IO1
14
15
VDD
13
8
9
10
22
23
24
STQFN-24
21
7
(Top View)
11
12
20 19
ACMPx+: ACMPx Positive Input
ACMPx-: ACMPx Negative Input
SCL: I2
C Clock Input
SDA: I2C Data Input/Output
Vrefx: Voltage Reference Output
SLA: Slave Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com