Electronic Components Datasheet Search
  English  ▼

X  

SLG47004 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SLG47004
Description  GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47004 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SLG47004 Datasheet HTML 17Page - Renesas Technology Corp SLG47004 Datasheet HTML 18Page - Renesas Technology Corp SLG47004 Datasheet HTML 19Page - Renesas Technology Corp SLG47004 Datasheet HTML 20Page - Renesas Technology Corp SLG47004 Datasheet HTML 21Page - Renesas Technology Corp SLG47004 Datasheet HTML 22Page - Renesas Technology Corp SLG47004 Datasheet HTML 23Page - Renesas Technology Corp SLG47004 Datasheet HTML 24Page - Renesas Technology Corp SLG47004 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 303 page
background image
Datasheet
19-Nov-2024
CFR0011-120-00
Revision 3.9
21 of 302
© 2024 Renesas Electronics Corporation
SLG47004
GreenPAK Programmable Mixed-Signal Matrix
with In-System Programmability and Advanced Analog Features
IOL
LOW-Level Output Current
(Note 2)
Push-Pull, 2x Drive, VOL = 0.4 V,
VDD = 5.5 (Note 1)
14.80
--
--
mA
NMOS OD, 1x Drive, VOL = 0.15 V,
VDD = 2.4 V (Note 1)
4.07
--
--
mA
NMOS OD, 1x Drive, VOL = 0.15 V,
VDD = 2.5 V (Note 1)
4.22
--
--
mA
NMOS OD, 1x Drive, VOL = 0.15 V,
VDD = 2.7 V (Note 1)
4.49
--
--
mA
NMOS OD, 1x Drive, VOL = 0.4 V,
VDD = 3.0 V (Note 1)
12.24
--
--
mA
NMOS OD, 1x Drive, VOL = 0.4 V,
VDD = 3.3 V (Note 1)
13.20
--
--
mA
NMOS OD, 1x Drive, VOL = 0.4 V,
VDD = 3.6 V (Note 1)
14.04
--
--
mA
NMOS OD, 1x Drive, VOL = 0.4 V,
VDD = 4.5 V (Note 1)
16.24
--
--
mA
NMOS OD, 1x Drive, VOL = 0.4 V,
VDD = 5.0 V (Note 1)
17.24
--
--
mA
NMOS OD, 1x Drive, VOL = 0.4 V,
VDD = 5.5 V (Note 1)
18.24
--
--
mA
NMOS OD, 2x Drive, VOL = 0.15 V,
VDD = 2.4 V (Note 1)
7.71
--
--
mA
NMOS OD, 2x Drive, VOL = 0.15 V,
VDD = 2.5 V (Note 1)
7.97
--
--
mA
NMOS OD, 2x Drive, VOL = 0.15 V,
VDD = 2.7 V (Note 1)
8.46
--
--
mA
NMOS OD, 2x Drive, VOL = 0.4 V,
VDD = 3.0 V (Note 1)
22.96
--
--
mA
NMOS OD, 2x Drive, VOL = 0.4 V,
VDD = 3.3 V (Note 1)
24.63
--
--
mA
NMOS OD, 2x Drive, VOL = 0.4 V,
VDD = 3.6 V (Note 1)
26.10
--
--
mA
NMOS OD, 2x Drive, VOL = 0.4 V,
VDD = 4.5 V (Note 1)
29.82
--
--
mA
NMOS OD, 2x Drive, VOL = 0.4 V,
VDD = 5.0 V (Note 1)
31.42
--
--
mA
NMOS OD, 2x Drive, VOL = 0.4 V,
VDD = 5.5 V (Note 1)
33.25
--
--
mA
TSU
Startup Time
From VDD rising past PONTHR
--
1.9
2.7
ms
TWR
NVM Page Write Time
VDD = 2.5 V to 5.5 V
--
--
20
ms
TER
NVM Page Erase Time
VDD = 2.5 V to 5.5 V
--
--
20
ms
PONTHR
Power-On Threshold
VDD Level Required to Start Up the Chip
1.63
--
2.04
V
POFFTHR Power-Off Threshold
VDD Level Required to Switch Off the
Chip
0.96
--
1.54
V
Table 6: EC at T = -40 °C to +85 °C, VDD = 2.4 V to 5.5 V Unless Otherwise Noted(Continued)
Parameter
Description
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com