Electronic Components Datasheet Search
  English  ▼

X  

TDA7575B Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7575B
Description  2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7575B Datasheet HTML 3Page - STMicroelectronics TDA7575B Datasheet HTML 4Page - STMicroelectronics TDA7575B Datasheet HTML 5Page - STMicroelectronics TDA7575B Datasheet HTML 6Page - STMicroelectronics TDA7575B Datasheet HTML 7Page - STMicroelectronics TDA7575B Datasheet HTML 8Page - STMicroelectronics TDA7575B Datasheet HTML 9Page - STMicroelectronics TDA7575B Datasheet HTML 10Page - STMicroelectronics TDA7575B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TDA7575B
Electrical specifications
7/32
Po
Output power
Single channel configuration
(1
Ω pin >2.5V); R
L = 1Ω;
THD 3%
Max. power(1)
80
140
84
150
W
THD
Total harmonic distortion
PO = 1-12W; STD MODE
HE MODE; PO = 1-2W
HE MODE; PO = 4-8W
0.03
0.03
0.5
0.1
0.1
%
PO = 1-12W, f = 10kHz
0.15
0.5
%
RL = 2; HE MODE; Po = 3W
0.03
0.5
%
Single channel configuration
(1
Ω pin >2.5V); R
L = 1; PO = 4-
30W
0.02
0.1
%
CT
Cross talk
Rg = 600Ω; PO = 1W
60
75
dB
RIN
Input impedance
60
100
130
K
Ω
GV1
Voltage gain 1 (default)
25
26
27
dB
ΔG
V1
Voltage gain match 1
-1
0
1
dB
GV2
Voltage gain 2
11
12
13
dB
ΔG
V2
Voltage gain match 2
-1
0
1
dB
EIN1
Output noise voltage gain 1
Rg = 600Ω; Gv = 26dB
filter 20 to 22kHz
40
60
μV
EIN2
Output noise voltage gain 2
Rg = 600Ω; Gv = 12dB
filter 20 to 22kHz
15
25
μV
SVR
Supply voltage rejection
f = 100Hz to 10kHz; Vr = 1Vpk;
Rg = 600Ω
50
60
dB
BW
Power bandwidth
(-3dB)
100
KHz
ASB
Stand-by attenuation
90
100
dB
ISB
Stand-by current consumption
Vst-by = 0V
2
10
μA
AM
Mute attenuation
80
90
dB
VOS
Offset voltage
Mute & play
-45
0
45
mV
VAM
Min. supply mute threshold
7
7.5
8
V
CMRR
Input CMRR
VCM = 1Vpk-pk; Rg = 0 Ω
56
60
dB
VMC
Maximum common mode input
level
f = 1kHz
1
Vrms
SR
Slew rate
1.5
4
V/
μs
ΔV
OS
During mute ON/OFF output
offset voltage
ITU R-ARM weighted
see Figure 23
-10
+10
mV
During St-By ON/OFF output
offset voltage
-10
+10
mV
Table 4.
Electrical characteristics (continued)
(VS = 14.4V; f=1KHz; RL=4Ω; Tamb= 25°C unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com