Electronic Components Datasheet Search
  English  ▼

X  

TDA7575B Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7575B
Description  2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7575B Datasheet HTML 4Page - STMicroelectronics TDA7575B Datasheet HTML 5Page - STMicroelectronics TDA7575B Datasheet HTML 6Page - STMicroelectronics TDA7575B Datasheet HTML 7Page - STMicroelectronics TDA7575B Datasheet HTML 8Page - STMicroelectronics TDA7575B Datasheet HTML 9Page - STMicroelectronics TDA7575B Datasheet HTML 10Page - STMicroelectronics TDA7575B Datasheet HTML 11Page - STMicroelectronics TDA7575B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Electrical specifications
TDA7575B
8/32
TON
Turn on delay
D2 (IB1) 0 to 1
15
40
ms
TOFF
Turn off delay
D2 (IB1) 1 to 0
15
40
ms
VOFF
St-by pin for st-by
0
1.5
V
VSB
St-by pin for standard bridge
3.5
5
V
VHE
St-by pin for Hi-eff
7
18
V
IO
St-by pin current
1.5 < Vstby/HE < 18V
7
160
200
μA
St-by pin current
Vstby < 1.5V
-10
0
10
μA
Vm
Mute pin voltage for mute mode
0
1.5
V
Vm
Mute pin voltage for play mode
3.5
18
V
Im
Mute pin current (st_by)
Vmute = 0V, Vstby < 1.5V
-5
0
5
μA
Im
Mute pin current (operative)
0V < Vmute < 18V, Vstby > 3.5V
65
100
μA
VI2C
I2C pin voltage for I2C disabled
0
1.5
V
VI2C
I2C pin voltage for I2C enabled
2.5
18
V
I2CI2C pin current (st-by)
0V < I2C EN < 18V, Vstby < 1.5V
-5
0
5
μA
I2CI2C pin current (operative)
I2C EN <18V, Vstby>3.5V
7
11
15
μA
V1Ω
1
Ω pin voltage for 2ch mode
0
1.5
V
V1Ω
1
Ω pin voltage for 1Ω mode
2.5
18
V
I1Ω
1
Ω pin current (st-by)
0V < 1
Ω <18V, V
stby < 1.5V
-5
0
5
μA
I1Ω
1
Ω pin current (operative)
1
Ω <18V, V
stby > 3.5V
7
11
15
μA
La
A pin voltage
Low logic level
0
1.5
V
Ha
High logic level
2.5
18
V
Ia
A pin current (st-by)
0V < A < 18V, Vstby < 1.5V
-5
0
5
μA
Ia
A pin current (operative)
A<18V, Vstby > 3.5V
7
11
15
μA
Lb
B pin voltage
Low logic level
0
1.5
V
Hb
High logic level
2.5
18
V
Ib
B pin current (st-by)
0V < B < 18V, Vstby < 1.5V
-5
0
5
μA
Ib
B pin current (operative)
B < 18V, Vstby > 3.5V
7
11
15
μA
TW
Thermal warning
150
°C
TPI
Thermal protection intervention
170
°C
ICDH
Clip pin high leakage current
CD off, 0V < VCD < 5.5V
-15
0
15
μA
ICDL
Clip pin low sink current
CD on; VCD < 300mV
1
mA
CD
Clip detect THD level
D0 (IB1) = 0
0.8
1.3
2.5
%
D0 (IB1) = 1
5
10
15
%
(*) ST-BY Pin high enables I2C bus; ST-BY Pin low puts the device in ST-BY condition.(see “prog” for more details)
Table 4.
Electrical characteristics (continued)
(VS = 14.4V; f=1KHz; RL=4Ω; Tamb= 25°C unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com