Electronic Components Datasheet Search
  English  ▼

X  

TDA7575B Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7575B
Description  2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7575B Datasheet HTML 5Page - STMicroelectronics TDA7575B Datasheet HTML 6Page - STMicroelectronics TDA7575B Datasheet HTML 7Page - STMicroelectronics TDA7575B Datasheet HTML 8Page - STMicroelectronics TDA7575B Datasheet HTML 9Page - STMicroelectronics TDA7575B Datasheet HTML 10Page - STMicroelectronics TDA7575B Datasheet HTML 11Page - STMicroelectronics TDA7575B Datasheet HTML 12Page - STMicroelectronics TDA7575B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TDA7575B
Electrical specifications
9/32
Turn on diagnostics (Power amplifier mode)
Pgnd
Short to GND det. (below this
limit, the Output is considered
in Short Circuit to GND)
Power amplifier in st-by condition
1.2
V
Pvs
Short to Vs det. (above this
limit, the Output is considered
in Short Circuit to VS)
Vs -0.9
V
Pnop
Normal operation
thresholds.(Within these limits,
the Output is considered
without faults).
1.8
Vs -1.5
V
Lsc
Shorted load det.
0.5
Ω
Lop
Open load det.
130
Ω
Lnop
Normal load det.
1.5
70
Ω
TUrn on diagnostics (Line driver mode)
Pgnd
Short to GND det. (below this
limit, the Output is considered
in Short Circuit to GND)
Power amplifier in st-by
1.2
V
Pvs
Short to Vs det. (above this
limit, the Output is considered
in Short Circuit to VS)
Vs -0.9
V
Pnop
Normal operation
thresholds.(Within these limits,
the Output is considered
without faults).
1.8
Vs -1.5
V
Lsc
Shorted load det.
1.5
Ω
Lop
Open load det.
400
Ω
Lnop
Normal load det.
4.5
200
Ω
Permanent diagnostics (Power amplifier mode or line driver mode)
Pgnd
Short to GND det. (below this
limit, the Output is considered
in Short Circuit to GND)
Power amplifier in Mute or Play
condition, one or more short
circuits protection activated
1.2
V
Pvs
Short to Vs det. (above this
limit, the Output is considered
in Short Circuit to VS)
Vs -
0.9
V
Pnop
Normal operation
thresholds.(Within these limits,
the Output is considered
without faults).
1.8
Vs -1.5
V
Lsc
Shorted load det.
Pow. amp. mode
0.5
Ω
Line driver mode
1.5
Ω
Table 4.
Electrical characteristics (continued)
(VS = 14.4V; f=1KHz; RL=4Ω; Tamb= 25°C unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com