Electronic Components Datasheet Search
  English  ▼

X  

NP40 Datasheet(PDF) 7 Page - LUMEL S.A.

Part # NP40
Description  portable power quality analyzer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

NP40 Datasheet(HTML) 7 Page - LUMEL S.A.

  NP40 Datasheet HTML 1Page - LUMEL S.A. NP40 Datasheet HTML 2Page - LUMEL S.A. NP40 Datasheet HTML 3Page - LUMEL S.A. NP40 Datasheet HTML 4Page - LUMEL S.A. NP40 Datasheet HTML 5Page - LUMEL S.A. NP40 Datasheet HTML 6Page - LUMEL S.A. NP40 Datasheet HTML 7Page - LUMEL S.A. NP40 Datasheet HTML 8Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.lumel.com.pl
7
NP40 - portable power quality analyzer
analyzer set
Voltage tests leads aligator clips
lenght 2m, 5 pcs
Power adapter DC
1 pc
power patch cord
1 pc
soft carry bag
1 pc
Hang strap
1 pc
CD wit software, user’s manual
1 pc each
THE SPECIFICATIoN oF ADDIToNAl EQUPIMENT (CURRENT ClAMPS/ RoGoWSKI CoIlS)
Model
Range
Turns ratio
Accuracy
Size mm
KlC8C-5A (clamps)
5A
10mV/A
0.2%
Φ8
CTC0080 (clamps)
50A
10 mV/A
0.2%
Φ8
CTC0130 (clamps)
100A
10 mV/A
0.2%
Φ13
CTC1535 (clamps)
1000A
1 mV/A
1.0%
Φ52
Py-3000A (Rogowski coils)
3000A
65 mV/1000A
1.0% (+2% position error)
Φ162
Py-5000A (Rogowski coils)
5000A
50 mV/1000A
1.0% (+2% position error)
Φ143
Table 1. NP40 ordering code:
Portable power quality analyzer NP40 - X
XX X X
Additional equipment:
lack
0
4 pcs. Rogowski coils Py 3000 A
1
4 pcs. Rogowski coils Py 5000 A
2
4 pcs. current clamps KlC8C 5 A
3
4 pcs. current clamps CTC0080 50 A
4
4 pcs. current clamps CTC0130 100 A
5
4 pcs. current clamps CTC1535 1000 A
6
Version:
standard
00
custom-made*
XX
Language:
Multilanguage (Polish/English)
M
other*
X
Acceptance tests:
without extra requirements
0
with an extra quality inspection certificate
1
acc. to customer’s request*
X
* after agreeing with the manufacturer
oRDERING CoDE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com