Electronic Components Datasheet Search
  English  ▼

X  

NP40 Datasheet(PDF) 5 Page - LUMEL S.A.

Part # NP40
Description  portable power quality analyzer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

NP40 Datasheet(HTML) 5 Page - LUMEL S.A.

  NP40 Datasheet HTML 1Page - LUMEL S.A. NP40 Datasheet HTML 2Page - LUMEL S.A. NP40 Datasheet HTML 3Page - LUMEL S.A. NP40 Datasheet HTML 4Page - LUMEL S.A. NP40 Datasheet HTML 5Page - LUMEL S.A. NP40 Datasheet HTML 6Page - LUMEL S.A. NP40 Datasheet HTML 7Page - LUMEL S.A. NP40 Datasheet HTML 8Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.lumel.com.pl
5
NP40 - portable power quality analyzer
Measurement range
resolution
Acuuracy
HArMoNIC
Harmonnic number
1 ~ 50
Inter-harmonic
1 ~ 49
Harmonic voltage
0.0 ~ 100.0%
0.1%
±0.1% ± nx0.1%
Harmonic current
0.0 ~ 100.0%
0.1%
±0.1% ± nx0.1%
THD
0.0 ~ 100.0%
0.1%
±2.5%
DC Relative
0.0 ~ 100.0%
0.1%
±0.2%
Frequency
0 ~ 3500Hz
1Hz
1Hz
phase
-360° ~ 0°
1°
± nx1.5°
PowEr & ENErgy
Active power P (kW), apparent power S (kVA),
reactive power Q 9kvar)
1.0 ~ 20.00MW
0.1kW
± 1.5 ±10 characters
Kilowatt-hour
0.00kWh ~ 200GWh
10Wh
± 1.5 ±10 characters
Power factor (TPF)
0 ~ 1
0.01
± 0.03
Cosφ (DPF)
0 ~ 1
0.01
± 0.03
Tgφ (tanØ)
-10...10
0,01
± 3
FLICkEr
Pst (1min), Pst, Plt, PF5
0.00 ~ 20.00
0.01
±5%
UNbALANCE
Voltage
0.0 ~ 5.0%
0.1%
± 0.5%
Current
0.0 ~ 20.0%
0.1%
± 1%
Voltage phase
-360° ~ 0°
1°
± 2 digits
Current phase
-360° ~ 0°
1°
± 5 digits
MEASUREMENT
VoLTAgE TrANSIENT
Vpk
±6000 Vpk
1V
±15%
Vrms
10 ~ 1000Vrms
1V
±2.5%
Min. Test Time
50us
sampling rate
20kS/s
INrUSH CUrrENT
Arms (AC+DC)
0~3000 Arms
0,1
±1% ± 5 digits
inrush duration
6s ~ 32min selectable
10 ms
±20 ms
LoggEr
recording
user-definded parameters for 4 phases at the same time
Memory
data stored in TF card, 8GB
Duration time
2 hrs to 1 year
interval
1s to 1 hr



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com