Electronic Components Datasheet Search
  English  ▼

X  

NP40 Datasheet(PDF) 4 Page - LUMEL S.A.

Part # NP40
Description  portable power quality analyzer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

NP40 Datasheet(HTML) 4 Page - LUMEL S.A.

  NP40 Datasheet HTML 1Page - LUMEL S.A. NP40 Datasheet HTML 2Page - LUMEL S.A. NP40 Datasheet HTML 3Page - LUMEL S.A. NP40 Datasheet HTML 4Page - LUMEL S.A. NP40 Datasheet HTML 5Page - LUMEL S.A. NP40 Datasheet HTML 6Page - LUMEL S.A. NP40 Datasheet HTML 7Page - LUMEL S.A. NP40 Datasheet HTML 8Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.lumel.com.pl
4
CUrrENT INPUT
number of input
4 (3-phase+ neutral) DC coupling
type
clamp current sensor with mV output
input range
1...3000 Arms with supplied current clamp
input impedance
50 kΩ
bandwidth
<3kHz
SAMPlING SySTEM
resolution
8 channels 16 bits AD
sampling rate
20kS/s for each channel, 8 channels sample synchronously
RMS sampling
5000 points for 10/12 cycles (according to EN 61000-4-30)
pll synchronizacja
4096 points for 10/12 cycles (according to EN 61000-4-7)
NP40 - portable power quality analyzer
TECHNICAl DATA
VoLTAgE INPUTS
input Channels
4 (3-phase + neutral)
Max. input voltage
1000 Vrms
range of nominal voltage
50...500V
Max pulse peak voltage
6kV
bandwidth
<3kHz
input impedance
4MΩ/5pF
inputs
Measurement range
resolution
Accuracy
VoLTAgE/CUrrENT/FrEqUENCy
Vrms (AC+DC)
1 ~ 1000Vrms
0.1Vrms
± 0.5% of nominal voltage
Vpk
1 ~ 1400Vpk
0.1Vpk
± 0.5% of nominal voltage
V (crest factor)
1.0 ~ >2.8
0.01
± 5%
Arms (AC)
1~ 1000A/3000A/5000A
1A
± 1% ± 2A
1~ 100A
0.1A
± 1% ± 0.2A
apk
1 ~ 4000Apk
1A
± 1% ± 2A
A (crest factor)
1 ~ 10
0.01
± 5%
Frequency
42.5 ~ 57.5Hz (50Hz nominal)
0.01Hz
± 0.01Hz
51 ~ 69Hz (60Hz nominal)
0.01Hz
± 0.01Hz
DIPS & SwELLS
Vrms1/2
0 ~ 200% of nominal voltage
0.1Vrms
± 1%
Arms1/2
1 ~ 3000A
1A
± 1% ± 2A
threshold levels
Threshold is settable according to nominal voltage percentage. Detectable events type: dips, swells, interruption, voltage rapid change.
Duration
hour-minute-second-microsecond
0.5 period
1 period
MEASUREMENT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com