Electronic Components Datasheet Search
  English  ▼

X  

KC2463 Datasheet(PDF) 7 Page - KCSEMITECH CO., Ltd

Part # KC2463
Description  Servo control IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KCS [KCSEMITECH CO., Ltd]
Direct Link  https://www.kcsemitech.com
Logo KCS - KCSEMITECH CO., Ltd

KC2463 Datasheet(HTML) 7 Page - KCSEMITECH CO., Ltd

  KC2463 Datasheet HTML 1Page - KCSEMITECH CO., Ltd KC2463 Datasheet HTML 2Page - KCSEMITECH CO., Ltd KC2463 Datasheet HTML 3Page - KCSEMITECH CO., Ltd KC2463 Datasheet HTML 4Page - KCSEMITECH CO., Ltd KC2463 Datasheet HTML 5Page - KCSEMITECH CO., Ltd KC2463 Datasheet HTML 6Page - KCSEMITECH CO., Ltd KC2463 Datasheet HTML 7Page - KCSEMITECH CO., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
深 圳 宽 诚 集 成 电 路 技 术 有 限 公 司
KC2463 产品说明书
Tel:0755-29580531
Fax:0755-33902231
Website:www.kcsemitech.com
7
TSSOP16L 外形图
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
D
4.900
5.100
0.193
0.201
E
4.300
4.500
0.169
0.177
b
0.190
0.300
0.007
0.012
c
0.090
0.200
0.004
0.008
E1
6.250
6.550
0.246
0.258
A
1.100
0.043
A2
0.800
1.000
0.031
0.039
A1
0.020
0.150
0.001
0.006
e
0.65(BSC)
0.026(BSC)
L
0.500
0.700
0.020
0.028
H
0.25(TYP)
0.01(TYP)
θ
1°
7°
1°
7°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com