Electronic Components Datasheet Search
  English  ▼

X  

KC2463 Datasheet(PDF) 1 Page - KCSEMITECH CO., Ltd

Part # KC2463
Description  Servo control IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KCS [KCSEMITECH CO., Ltd]
Direct Link  https://www.kcsemitech.com
Logo KCS - KCSEMITECH CO., Ltd

KC2463 Datasheet(HTML) 1 Page - KCSEMITECH CO., Ltd

  KC2463 Datasheet HTML 1Page - KCSEMITECH CO., Ltd KC2463 Datasheet HTML 2Page - KCSEMITECH CO., Ltd KC2463 Datasheet HTML 3Page - KCSEMITECH CO., Ltd KC2463 Datasheet HTML 4Page - KCSEMITECH CO., Ltd KC2463 Datasheet HTML 5Page - KCSEMITECH CO., Ltd KC2463 Datasheet HTML 6Page - KCSEMITECH CO., Ltd KC2463 Datasheet HTML 7Page - KCSEMITECH CO., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
深 圳 宽 诚 集 成 电 路 技 术 有 限 公 司
KC2463 产品说明书
Tel:0755-29580531
Fax:0755-33902231
Website:www.kcsemitech.com
1
功能描述
KC2463 是一款用于伺服机控制的半导体集成电路。
功能特性
▲优越的电源与温度特性
▲死区设定简单
▲外围应用简单
▲内设最小固定脉宽输出
▲无上电抖动现象
▲小型封装规格(TSSOP16 和 SSOP16)
应用领域
伺服马达控制电路、无限遥控应用的数字比例系统等等。
推荐工作条件
工作电压范围:2.8 to 7.5V
工作温度:-20 to +78℃
输入信号上升沿时间:500ns(max)
输入信号下降沿时间:500ns(max)
电路功能图


Similar Part No. - KC2463

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24AH MORNSUN-KC24AH Datasheet
261Kb / 3P
PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-300 MORNSUN-KC24AH-300 Datasheet
90Kb / 2P
PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-300 MORNSUN-KC24AH-300 Datasheet
261Kb / 3P
PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-350 MORNSUN-KC24AH-350 Datasheet
90Kb / 2P
PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-350 MORNSUN-KC24AH-350 Datasheet
261Kb / 3P
PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
More results

Similar Description - KC2463

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51660L MITSUBISHI-M51660L Datasheet
75Kb / 4P
SERVO MOTOR CONTROL FOR RADIO CONTROL
logo
Rohm
BU38603 ROHM-BU38603 Datasheet
78Kb / 7P
System control servo
logo
Renesas Technology Corp
M64611FP RENESAS-M64611FP Datasheet
88Kb / 7P
DIGITAL SERVO MOTOR CONTROL FOR RADIO CONTROL
Rev.1.00 Aug.26.2003
logo
List of Unclassifed Man...
AN6344 ETC1-AN6344 Datasheet
162Kb / 5P
VTR CYLINDER SERVO CONTROL CIRCUIT
AN6341N ETC1-AN6341N Datasheet
221Kb / 4P
VTR CAPSTAN SERVO CONTROL CIRCUIT
logo
Mitsubishi Electric Sem...
M51594AFP MITSUBISHI-M51594AFP Datasheet
796Kb / 13P
OPTICAL PICKUP SERVO CONTROL
logo
International Rectifier
IRMCK201 IRF-IRMCK201 Datasheet
1Mb / 62P
High Performance Configurable Digital AC Servo Control IC
IRMCF143 IRF-IRMCF143 Datasheet
539Kb / 35P
High Performance Position Servo Control IC
IRMCF143 IRF-IRMCF143_15 Datasheet
776Kb / 35P
High Performance Position Servo Control IC
logo
Shindengen Electric Mfg...
MS1003SH SHINDENGEN-MS1003SH Datasheet
1Mb / 41P
Control IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com