| Electronic Components Datasheet Search |
|
SSD1309Z Datasheet(PDF) 13 Page - Solomon Systech Limited |
|
|
|||||||||||||||||||||||||||||
SSD1309Z Datasheet(HTML) 13 Page - Solomon Systech Limited |
|
13 / 57 page ![]() Solomon Systech Jul 2011 P 18/62 Rev 1.1 SSD1309 Figure 8-5 : Write procedure in 4-wire Serial interface mode 8.1.4 MCU Serial Interface (3-wire SPI) The 3-wire serial interface consists of serial clock SCLK, serial data SDIN and CS#. In 3-wire SPI mode, D0 acts as SCLK, D1 acts as SDIN. For the unused data pins, D2 should be left open. The pins from D3 to D7, R/W# (WR#)#, E and D/C# can be connected to an external ground. The operation is similar to 4-wire serial interface while D/C# pin is not used. There are altogether 9-bits will be shifted into the shift register on every ninth clock in sequence: D/C# bit, D7 to D0 bit. The D/C# bit (first bit of the sequential data) will determine the following data byte in the shift register is written to the Display Data RAM (D/C# bit = 1) or the command register (D/C# bit = 0). Under serial mode, only write operations are allowed. Table 8-5 : Control pins of 3-wire Serial interface Function E(RD#) R/W#(WR#) CS# D/C# D0 Write command Tie LOW Tie LOW L Tie LOW ↑ Write data Tie LOW Tie LOW L Tie LOW ↑ Note (1) L stands for LOW in signal (2) ↑ stands for rising edge of signal Figure 8-6 : Write procedure in 3-wire Serial interface mode D7 D6 D5 D4 D3 D2 D1 D0 SCLK (D0) SDIN(D1) DB1 DB2 DBn CS# D/C# SDIN/ SCLK D7 D6 D5 D4 D3 D2 D1 D0 SCLK (D0) SDIN(D1) DB1 DB2 DBn CS# D/C# SDIN/ SCLK |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |