Electronic Components Datasheet Search
  English  ▼

X  

SSD1309Z Datasheet(PDF) 2 Page - Solomon Systech Limited

Part # SSD1309Z
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLOMON [Solomon Systech Limited]
Direct Link  https://www.solomon-systech.com
Logo SOLOMON - Solomon Systech Limited

SSD1309Z Datasheet(HTML) 2 Page - Solomon Systech Limited

  SSD1309Z Datasheet HTML 1Page - Solomon Systech Limited SSD1309Z Datasheet HTML 2Page - Solomon Systech Limited SSD1309Z Datasheet HTML 3Page - Solomon Systech Limited SSD1309Z Datasheet HTML 4Page - Solomon Systech Limited SSD1309Z Datasheet HTML 5Page - Solomon Systech Limited SSD1309Z Datasheet HTML 6Page - Solomon Systech Limited SSD1309Z Datasheet HTML 7Page - Solomon Systech Limited SSD1309Z Datasheet HTML 8Page - Solomon Systech Limited SSD1309Z Datasheet HTML 9Page - Solomon Systech Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
SSD1309
Rev 1.1
P 7/62
Jul 2011
Solomon Systech
1
GENERAL DESCRIPTION
SSD1309 is a single-chip CMOS OLED/PLED driver with controller for organic / polymer light emitting
diode dot-matrix graphic display system. It consists of 128 segments and 64 commons. This IC is
designed for Common Cathode type OLED panel.
The SSD1309 embeds with contrast control, display RAM and oscillator, which reduces the number of
external components and power consumption. It has 256-step brightness control. Data/Commands are
sent from general MCU through the hardware selectable 6800/8080 series compatible Parallel Interface,
I
2C interface or Serial Peripheral Interface. It is suitable for many compact portable applications, such as
mobile phone sub-display, MP3 player and calculator, etc.
2
FEATURES
• Resolution: 128 x 64 dot matrix panel
• Power supply
o
VDD = 1.65V ~ 3.3V
for IC logic
o
VCC = 7.0V ~ 16.0V
for Panel driving
• For matrix display
o
OLED driving output voltage, 16V maximum
o
Segment maximum source current: 320uA
o
Common maximum sink current: 40mA
o
256 step contrast brightness current control
• Embedded 128 x 64 bit SRAM display buffer
• Pin selectable MCU Interfaces:
o
8-bit 6800/8080-series parallel interface
o
3 /4 wire Serial Peripheral Interface
o
I
2C Interface
• Screen saving infinite content scrolling function
• Programmable Frame Rate
• Programmable Multiplexing Ratio
• Row Re-mapping and Column Re-mapping
• On-Chip Oscillator
• Chip layout for COG , COF
• Wide range of operating temperature: -40°C to 85°C
3
ORDERING INFORMATION
Table 3-1: Ordering Information
Ordering Part Number
SEG
COM
Package
Form
Reference
Remark
SSD1309Z
128
64
COG
Page 9
o
Min SEG pad pitch : 37.5um
o
Min COM pad pitch : 27um
o
Min I/O pad pitch : 60 um
o
Die thickness : 300 +/- 15 um
SSD1309UR1
128
64
COF
Page 11,61
o
35mm film, 4 sprocket hole
o
Hot bar type COF
o
8-bit 80 / 8-bit 68 / SPI / I2C interface
o
SEG lead pitch 0.120mm x 0.998 =0.11976mm
o
COM lead pitch 0.120mm x 0.998 =0.11976mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com