Electronic Components Datasheet Search
  English  ▼

X  

SSD1309Z Datasheet(PDF) 21 Page - Solomon Systech Limited

Part # SSD1309Z
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLOMON [Solomon Systech Limited]
Direct Link  https://www.solomon-systech.com
Logo SOLOMON - Solomon Systech Limited

SSD1309Z Datasheet(HTML) 21 Page - Solomon Systech Limited

Back Button SSD1309Z Datasheet HTML 17Page - Solomon Systech Limited SSD1309Z Datasheet HTML 18Page - Solomon Systech Limited SSD1309Z Datasheet HTML 19Page - Solomon Systech Limited SSD1309Z Datasheet HTML 20Page - Solomon Systech Limited SSD1309Z Datasheet HTML 21Page - Solomon Systech Limited SSD1309Z Datasheet HTML 22Page - Solomon Systech Limited SSD1309Z Datasheet HTML 23Page - Solomon Systech Limited SSD1309Z Datasheet HTML 24Page - Solomon Systech Limited SSD1309Z Datasheet HTML 25Page - Solomon Systech Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
Solomon Systech
Jul 2011 P 26/62
Rev 1.1
SSD1309
8.8
Power ON and OFF sequence
The following figures illustrate the recommended power ON and power OFF sequence of SSD1309
Power ON sequence:
1. Power ON VDD
2. After VDD become stable, set RES# pin LOW (logic low) for at least 3us (t1)
(3) and then HIGH (logic
high).
3. After set RES# pin LOW (logic low), wait for at least 3us (t2). Then Power ON VCC.
(1)
4. After VCC become stable, send command AFh for display ON. SEG/COM will be ON after 100ms
(tAF).
Figure 8-16 : The Power ON sequence
Power OFF sequence:
1. Send command AEh for display OFF.
2. Power OFF VCC.
(1), (2)
3.
Power OFF VDD after tOFF.
(4) (where Minimum t
OFF=0ms, typical tOFF=100ms)
Figure 8-17 : The Power OFF sequence
OFF VDD
VDD
VCC
Send command AEh for display OFF OFF VCC
OFF
OFF
tOFF
Note:
(1) V
CC should be kept float (i.e. disable) when it is OFF.
(2) Power Pins (V
DD, VCC) can never be pulled to ground under any circumstance.
(3) The register values are reset after t
1.
(4) V
DD should not be Power OFF before VCC Power OFF.
OFF
ON VDD
RES#
ON VCC
Send AFh command for Display
VDD
RES#
OFF
t1
SEG/COM
tAF
ON
OFF
VCC
GND
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com