Electronic Components Datasheet Search
  English  ▼

X  

OPA371DDBVR Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA371DDBVR
Description  OPAx371D 125kHz, 650nA NanoPower, 1.5V Low Voltage, Decompensated Amplifier for Power Conscious Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA371DDBVR Datasheet(HTML) 4 Page - Texas Instruments

  OPA371DDBVR Datasheet HTML 1Page - Texas Instruments OPA371DDBVR Datasheet HTML 2Page - Texas Instruments OPA371DDBVR Datasheet HTML 3Page - Texas Instruments OPA371DDBVR Datasheet HTML 4Page - Texas Instruments OPA371DDBVR Datasheet HTML 5Page - Texas Instruments OPA371DDBVR Datasheet HTML 6Page - Texas Instruments OPA371DDBVR Datasheet HTML 7Page - Texas Instruments OPA371DDBVR Datasheet HTML 8Page - Texas Instruments OPA371DDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
1
OUT1
8
V+
2
IN1±
7
OUT2
3
IN1+
6
IN2±
4
V±
5
IN2+
Not to scale
Figure 4-4. OPA2371D D and DGK Packages
8-Pin SOIC and VSSOP
Top View
1
OUT1
8
V+
2
IN1±
7
OUT2
3
IN1+
6
IN2±
4
V±
5
IN2+
Not to scale
Thermal
Pad
Connect exposed thermal pad to V–. See Figure 4-5 for more
information.
Figure 4-5. OPA2371D DSG Package
8-Pin WSON With Exposed Thermal Pad
Top View
Table 4-2. Pin Functions: OPA2371D
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
IN1–
2
I
Inverting input, channel 1
IN1+
3
I
Noninverting input, channel 1
IN2–
6
I
Inverting input, channel 2
IN2+
5
I
Noninverting input, channel 2
OUT1
1
O
Output, channel 1
OUT2
7
O
Output, channel 2
V–
4
I
Negative (low) supply or ground (for single-supply operation)
V+
8
I
Positive (high) supply
(1)
I = input, O = output
OPA371D, OPA2371D, OPA4371D
SLVSM48A – JUNE 2026 – REVISED AUGUST 2026
www.ti.com
4
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA371D OPA2371D OPA4371D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com