Electronic Components Datasheet Search
  English  ▼

X  

OPA371DDBVR Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA371DDBVR
Description  OPAx371D 125kHz, 650nA NanoPower, 1.5V Low Voltage, Decompensated Amplifier for Power Conscious Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA371DDBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA371DDBVR Datasheet HTML 4Page - Texas Instruments OPA371DDBVR Datasheet HTML 5Page - Texas Instruments OPA371DDBVR Datasheet HTML 6Page - Texas Instruments OPA371DDBVR Datasheet HTML 7Page - Texas Instruments OPA371DDBVR Datasheet HTML 8Page - Texas Instruments OPA371DDBVR Datasheet HTML 9Page - Texas Instruments OPA371DDBVR Datasheet HTML 10Page - Texas Instruments OPA371DDBVR Datasheet HTML 11Page - Texas Instruments OPA371DDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
5.5 Electrical Characteristics: OPAx371D
For VS = 1.5 V to 5.5 V (±0.75 V to ±2.75 V) at TA = 25°C, G = 10V/V, RF = 1.8MΩ, RL = 1 MΩ connected to VS / 2, VCM =
VS / 2, and VO UT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset
voltage
±0.3
±1.75
mV
TA = 0°C to 85°C
±1.8
dVOS/dT
Input offset
voltage drift (1)
TA = 0°C to 85°C
±0.58
µV/
℃
PSRR
Input offset
voltage versus
power supply
79
95
dB
TA = –40°C to 125°C
79
INPUT BIAS CURRENT
IB
Input bias
current (1)
±0.5
±2
pA
TA = 0°C to 85°C
±80
TA = –40°C to 125°C
±560
IOS
Input offset
current (1)
±0.3
±1.5
pA
TA = 0°C to 85°C
±30
TA = –40°C to 125°C
±150
NOISE
EN
Input voltage
noise
VS = 5.5V, f = 0.1 to 10Hz
3.9
μVPP
eN
Input voltage
noise density
VS = 5.5V, f = 1kHz
VS = 5.5V, f = 1kHz
155
nV/√Hz
iN
Input current
noise density (2)
f = 1 kHz
5
fA/√Hz
INPUT VOLTAGE RANGE
VI
Input voltage
range(2)
(V–) – 0.1
(V+) + 0.2
V
TA = –40°C to 125°C
(V–)
(V+)
CMRR
Common-mode
rejection ratio
VS = 5.5 V, (V–) ≤ VCM ≤ (V+) – 0.7 V
78
94
dB
VS = 5.5 V, (V–) ≤ VCM ≤ (V+) – 0.7 V (1)
TA = 0°C to 85°C
76
VS = 5.5 V, (V–) ≤ VCM ≤ (V+) – 0.7 V (1)
TA = –40°C to 125°C
74
VS = 1.5 V, (V–) ≤ VCM ≤ (V+) – 0.7 V (1)
68
90
VS = 1.5 V, (V–) ≤ VCM ≤ (V+) – 0.7 V (1)
TA = 0°C to 85°C
68
VS = 1.5 V, (V–) ≤ VCM ≤ (V+) – 0.7 V (1)
TA = –40°C to 125°C
67
VS = 5.5 V, (V–) ≤ VCM ≤ (V+)
65
83
VS = 5.5 V, (V–) ≤ VCM ≤ (V+)
TA = 0°C to 85°C
63
VS = 5.5 V, (V–) ≤ VCM ≤ (V+)
TA = –40°C to 125°C
63
INPUT IMPEDANCE
ZID
Differential
80 || 0.3
GΩ || pF
ZICM
Common-mode
100 || 2.2
OPEN-LOOP GAIN
AOL
Open-loop
voltage gain
VS = 5.5 V, (V–) + 0.10 V < VO < (V+) – 0.10 V,
RL = 100kΩ to VS / 2
110
133
dB
VS = 5.5 V, (V–) + 0.10 V < VO < (V+) – 0.10 V,
RL = 100kΩ to VS / 2
TA = 0°C to 85°C
108
VS = 5.5 V, (V–) + 0.10 V < VO < (V+) – 0.10 V,
RL = 100kΩ to VS / 2
TA = –40°C to 125°C
96
VS = 1.5 V, (V–) + 0.10 V < VO < (V+) – 0.10 V,
RL = 100kΩ to VS / 2
94
122
VS = 5.5 V, (V–) + 0.25 V < VO < (V+) – 0.25 V,
RL = 10kΩ to VS / 2 (1)
116
130
VS = 1.5 V, (V–) + 0.25 V < VO < (V+) – 0.25 V,
RL = 10kΩ to VS / 2 (1)
103
118
FREQUENCY RESPONSE
OPA371D, OPA2371D, OPA4371D
SLVSM48A – JUNE 2026 – REVISED AUGUST 2026
www.ti.com
8
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA371D OPA2371D OPA4371D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com