Electronic Components Datasheet Search
  English  ▼

X  

OPA371DDBVR Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA371DDBVR
Description  OPAx371D 125kHz, 650nA NanoPower, 1.5V Low Voltage, Decompensated Amplifier for Power Conscious Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA371DDBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA371DDBVR Datasheet HTML 5Page - Texas Instruments OPA371DDBVR Datasheet HTML 6Page - Texas Instruments OPA371DDBVR Datasheet HTML 7Page - Texas Instruments OPA371DDBVR Datasheet HTML 8Page - Texas Instruments OPA371DDBVR Datasheet HTML 9Page - Texas Instruments OPA371DDBVR Datasheet HTML 10Page - Texas Instruments OPA371DDBVR Datasheet HTML 11Page - Texas Instruments OPA371DDBVR Datasheet HTML 12Page - Texas Instruments OPA371DDBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
5.5 Electrical Characteristics: OPAx371D (continued)
For VS = 1.5 V to 5.5 V (±0.75 V to ±2.75 V) at TA = 25°C, G = 10V/V, RF = 1.8MΩ, RL = 1 MΩ connected to VS / 2, VCM =
VS / 2, and VO UT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GBW
Gain-bandwidth
product
VS = 5.5 V, G = 100 V/V, CL= 10pF
125
kHz
SR
Slew rate
VS = 5.5 V, G = +1, VSTEP = 4VPP, CL= 10pF
70
mV/μs
tS
Settling time
To 0.1%, VS = 5.5 V, VSTEP = 2 V, CL= 20pF
To 0.1%, VS = 5.5 V, VSTEP =
2 V
330
µs
PM
Phase Margin
VS = 5.5 V, CL = 30 pF
63
°
CL Drive
Cap Load Drive
Phase Margin = 45°
80
pF
toverload
Overload
recovery time
VIN × gain > VS
50
µs
EMIRR
Electro-magnetic
interference
rejection ratio
f = 1.8 GHz, VIN_EMIRR = 100 mV
91
dB
OUTPUT
Vo
Voltage output
swing from rail
VS = 5.5V, RL = 100kΩ to VS / 2
VS = 5.5V, RL = 100kΩ to
VS / 2
2.5
10
mV
VS = 5.5V, RL = 100kΩ to VS / 2
TA = –40°C to 125°C
15
VS = 1.5V, RL = 100kΩ to VS / 2
VS = 1.5V, RL = 100kΩ to
VS / 2
1
12
VS = 1.5V, RL = 100kΩ to VS / 2
TA = –40°C to 125°C
17
ISC
Short-circuit
current (3)
VS = 5.5 V
±11.5
±18
mA
TA = –40°C to 125°C
±5.5
ZO
Open-loop
output
impedance
f = 100 Hz
f = 100 Hz
93
kΩ
Power-on time
VS = 0 to 5.5 V, 1% settling
0.7
ms
POWER SUPPLY
IQ
Quiescent
current per
amplifier
VS = 1.5 V, IO = 0 A, OPA371D
665
900
nA
TA = –40°C to 125°C
1000
VS = 1.5 V, IO = 0 A, OPA2371D/OPA4371D
630
900
TA = –40°C to 125°C
1000
VS = 5.5 V, IO = 0 A, OPA371D
680
905
TA = –40°C to 125°C
1030
VS = 5.5 V, IO = 0 A, OPA2371D/OPA4371D
650
905
TA = –40°C to 125°C
1030
SHUTDOWN
(1)
Max / Min limit is specified based on characterization results.
(2)
Specified based on design simulation results
(3)
Short circuit current specified here is average of sourcing and sinking short circuit currents
www.ti.com
OPA371D, OPA2371D, OPA4371D
SLVSM48A – JUNE 2026 – REVISED AUGUST 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA371D OPA2371D OPA4371D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com