Electronic Components Datasheet Search
  English  ▼

X  

AT1529 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # AT1529
Description  1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

AT1529 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  AT1529 Datasheet HTML 1Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 2Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 3Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 4Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 5Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 6Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 7Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 8Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Ver: 0.3
Nov 29, 2010
TEL: 886-3-5788833
http://www.gmt.com.tw
2
AT1529
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
VIN, VCC, REF to GND . . . . . . . . . . . . . . . -0.3V to +7V
LX to PGND . . . . . . . . . . . . . . . . . . . .-1V to (VIN+1V)
EN, FB to GND. . . . . . . . . . . . . . -0.3V to (VCC + 0.3V)
VIN to VCC . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
PGND to GND . . . . . . . . . . . . . . . . . . . .-0.3V to +0.3V
Thermal Resistance Junction to Ambient, (
θJA) *
SOP-8 (FD) . . . . . . . . . . . . . . . . . . . . . . . . . .108°C/W
TDFN3X3-8 . . . . . . . . . . . . . . . . . . . . . . . . . . .98°C/W
Continuous Power Dissipation (TA = +25°C) *
SOP-8 (FD). . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.2W
TDFN3X3-8 . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.4W
Thermal Resistance Junction to Case, (
θJC)
SOP-8 (FD) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12°C/W
TDFN3X3-8 . . . . . . . . . . . . . . . . . . . . . . . . . . . .30°C/W
Operating Temperature Range . . . . . . . .-40°C to 85°C
Maximum Junction Temperature. . . . . . . . . . . . .150°C
Storage Temperature Range. . . . . . . . .-65°C to 165°C
Reflow Temperature (soldeing,10 sec) . . . . . . . .260°C
* Please refer to 1in2 of 1oz PCB Layout Section.
Stress beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
Electrical Characteristics
(VIN= VCC= 3.3V, PGND = GND, FB in regulation, CREF= 10nF, TA= -40°C to +85°C, unless otherwise noted.
Typical values are at TA= +25°C.)
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
IN Voltage Range
2.5
---
6
V
No switching (EN=VCC)
---
450
---
µA
Supply Current
Shutdown (EN=0V)
VIN = 5V
---
20
---
µA
VCC Undervoltage Lockout Threshold
When LX starts/stops switching
---
2.3
---
V
REF Voltage
IREF = 0, VIN = 2.5V to 5V
---
0.8
---
V
Logic High
2
---
---
V
EN Enable Threshold
Logic Low
---
---
0.4
V
Output Voltage Range
When using external feedback resistors to
drive FB
0.8
---
VIN
V
Output Voltage Line Regulation
VIN = 3V to 5V
---
0.08
---
%/V
Output Voltage Load Regulation
0A<ILOAD<3A
---
0.12
---
%/A
FB Regulation Voltage
(Error Amp Only)
VIN = 2.5V to 5V
0.784
0.8
0.816
V
FB Input Bias Current
-0.1
---
0.1
µA
LX On-Resistance, PMOS
VIN = 5V
---
116
---
m
Ω
LX On-Resistance, NMOS
VIN = 5V
---
93
---
m
Ω
High side
4.1
4.8
---
LX Current-Limit Threshold
Duty cycle = 100%,
VIN = 2.5V to 5V
Low side
---
0
---
A
VLX = 5V
---
---
10
LX Leakage Current
VIN = 5V
LX = GND
-10
---
---
µA
LX Switching Frequency
VIN = 2.5V to 5V
---
1
---
MHz
LX Maximum Duty Cycle
VCOMP = 1.5V, LX = high-Z, VIN = 2.5V to 5V
100
---
---
%
LX Minimum Duty Cycle
VCOMP = 1V, VIN = 2.5V to 5V
---
15
---
%
TJ rising
---
160
---
Thermal-Shutdown Threshold
When LX starts/stops
switching
TJ falling
---
145
---
°C
Maximum Duty Cycle
100
---
---
%
Minimum On Time
---
---
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com