Electronic Components Datasheet Search
  English  ▼

X  

AT1529 Datasheet(PDF) 12 Page - Global Mixed-mode Technology Inc

Part # AT1529
Description  1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

AT1529 Datasheet(HTML) 12 Page - Global Mixed-mode Technology Inc

Back Button AT1529 Datasheet HTML 4Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 5Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 6Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 7Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 8Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 9Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 10Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 11Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 12Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Ver: 0.3
Nov 29, 2010
TEL: 886-3-5788833
http://www.gmt.com.tw
12
AT1529
Global Mixed-mode Technology Inc.
TDFN3X3-8 Package
Taping Specification
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
PACKAGE
Q’TY/REEL
TDFN3X3-8
3,000 ea



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com