Electronic Components Datasheet Search
  English  ▼

X  

AT1529 Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # AT1529
Description  1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

AT1529 Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  AT1529 Datasheet HTML 1Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 2Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 3Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 4Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 5Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 6Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 7Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 8Page - Global Mixed-mode Technology Inc AT1529 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Ver: 0.3
Nov 29, 2010
TEL: 886-3-5788833
http://www.gmt.com.tw
4
AT1529
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
0
5
10
15
20
25
30
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
Shutdown Current vs Input Voltage
0.0
0.3
0.5
0.8
1.0
1.3
1.5
1.8
2.0
2.63.1
3.64.1
4.6
5.1
5.6
Supply Voltage (V)
Switching Frequency vs Input Voltage
-40°C
-0.06
-0.05
-0.04
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0
0.5
1
1.5
2
2.5
3
Load Current (A)
Output Voltage Deviation vs Load Current
(VCC=VIN=5V)
VOUT=2.5V
VOUT=3.3V
VOUT=0.8V
VOUT=1.5V
25°C
85°C
VIN=VCC=5V
Efficiency vs Load Current
(VCC = VIN = 5V)
-0.04
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
0.04
3
3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7
Input Voltage (V)
Output Voltage Deviation vs Input Voltage
0
10
20
30
40
50
60
70
80
90
100
0.1
0.5
0.9
1.3
1.7
2.1
2.5
2.9
3.3
Load Current (A)
0.8V
1.5V
2.5V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com