Electronic Components Datasheet Search
  English  ▼

X  

M51995AP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M51995AP
Description  Switching Regulator Control
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M51995AP Datasheet HTML 1Page - Renesas Technology Corp M51995AP Datasheet HTML 2Page - Renesas Technology Corp M51995AP Datasheet HTML 3Page - Renesas Technology Corp M51995AP Datasheet HTML 4Page - Renesas Technology Corp M51995AP Datasheet HTML 5Page - Renesas Technology Corp M51995AP Datasheet HTML 6Page - Renesas Technology Corp M51995AP Datasheet HTML 7Page - Renesas Technology Corp M51995AP Datasheet HTML 8Page - Renesas Technology Corp M51995AP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
M51995AP/AFP
REJ03D0835-0201 Rev.2.01 Nov 14, 2007
Page 4 of 40
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
36
V
Collector voltage
VC
36
V
±2
Peak
Output current
IO
±0.15
A
Continuous
VF terminal voltage
VVF
VCC
V
ON/OFF terminal voltage
VON/OFF
VCC
V
CLM
−terminal voltage
VCLM−
−4.0 to +4.0
V
CLM
+terminal voltage
VCLM+
−0.3 to +4.0
V
OVP terminal current
IOVP
8
mA
DET terminal voltage
VDET
6
V
DET terminal input current
IDET
5
mA
F/B terminal voltage
VFB
0 to 10
V
T-ON terminal input current
ITON
−1
mA
T-OFF terminal input current
ITOFF
−2
mA
Power dissipation
Pd
1.5
W
Ta
= 25°C
Thermal derating factor
K
θ
12
mW/
°C
Ta
> 25°C
Operating temperature
Topr
−30 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
Junction temperature
Tj
150
°C
Notes: 1. “
+” sign shows the direction of current flow into the IC and “−” sign shows the current flow from the IC.
2. This terminal has the constant voltage characteristic of 6 to 8 V, when current is supplied from outside. The
maximum allowable voltage is 6 V when the constant voltage is applied to this terminal. And maximum
allowable current into this terminal is 5 mA.
3. The low impedance voltage supply should not be applied to the OVP terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com