Electronic Components Datasheet Search
  English  ▼

X  

M51995AP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M51995AP
Description  Switching Regulator Control
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M51995AP Datasheet HTML 1Page - Renesas Technology Corp M51995AP Datasheet HTML 2Page - Renesas Technology Corp M51995AP Datasheet HTML 3Page - Renesas Technology Corp M51995AP Datasheet HTML 4Page - Renesas Technology Corp M51995AP Datasheet HTML 5Page - Renesas Technology Corp M51995AP Datasheet HTML 6Page - Renesas Technology Corp M51995AP Datasheet HTML 7Page - Renesas Technology Corp M51995AP Datasheet HTML 8Page - Renesas Technology Corp M51995AP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
REJ03D0835-0201 Rev.2.01 Nov 14, 2007
Page 1 of 40
M51995AP/AFP
Switching Regulator Control
REJ03D0835-0201
Rev.2.01
Nov 14, 2007
Description
M51995A is the primary switching regulator controller which is especially designed to get the regulated DC voltage
from AC power supply.
This IC can directly drive the MOS-FET with fast rise and fast fall output pulse.
Type M51995A has the functions of not only high frequency OSC and fast output drive but also current limit with fast
response and high sensibility so the true “fast switching regulator” can be realized.
It has another big feature of current protection to short and over current, owing to the integrated timer-type protection
circuit, if few parts are added to the primary side.
The M51995A is equivalent to the M51977 with externally re-settable OVP (over voltage protection) circuit.
Features
• 500 kHz operation to MOS FET
 Output current : ±2 A
 Output rise time 60 ns, fall time 40 ns
 Modified totempole output method with small through current
• Compact and light-weight power supply
 Small start-up current : 90 µA typ.
 Big difference between “start-up voltage” and “stop voltage” makes the smoothing capacitor of the power input
section small.
Start-up threshold 16 V, stop voltage 10 V
 Packages with high power dissipation are used to with-stand the heat generated by the gate-drive current of MOS
FET.
16-pin DIP, 20-pin SOP 1.5 W (at 25
°C)
• Simplified peripheral circuit with protection circuit and built-in large-capacity totempole output
 High-speed current limiting circuit using pulse-by-pulse method (Two system of CLM+pin, CLM−pin)
 Protection by intermittent operation of output over current : Timer protection circuit
 Over-voltage protection circuit with an externally re-settable latch (OVP)
 Protection circuit for output miss action at low supply voltage (UVLO)
• High-performance and highly functional power supply
 Triangular wave oscillator for easy dead time setting
Application
Feed forward regulator, fly-back regulator


Similar Part No. - M51995AP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51995AP MITSUBISHI-M51995AP Datasheet
461Kb / 27P
SWITCHING REGULATOR CONTROL
logo
Renesas Technology Corp
M51995AP RENESAS-M51995AP Datasheet
11Mb / 28P
SWITCHING REGULATOR CONTROL
More results

Similar Description - M51995AP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51995AP MITSUBISHI-M51995AP Datasheet
461Kb / 27P
SWITCHING REGULATOR CONTROL
M51996AP MITSUBISHI-M51996AP Datasheet
366Kb / 22P
SWITCHING REGULATOR CONTROL
M51997P MITSUBISHI-M51997P Datasheet
922Kb / 22P
SWITCHING REGULATOR CONTROL?
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
SWITCHING REGULATOR CONTROL IC
logo
Mitsubishi Electric Sem...
M51978P MITSUBISHI-M51978P Datasheet
1Mb / 24P
SWITCHING REGULATOR CONTROL
logo
Renesas Technology Corp
M51995 RENESAS-M51995 Datasheet
11Mb / 28P
SWITCHING REGULATOR CONTROL
M51998P RENESAS-M51998P Datasheet
1Mb / 5P
SWITCHING REGULATOR CONTROL
logo
Mitsubishi Electric Sem...
M5T494 MITSUBISHI-M5T494 Datasheet
294Kb / 5P
SWITCHING REGULATOR CONTROL
logo
Renesas Technology Corp
M51996AP RENESAS-M51996AP Datasheet
398Kb / 36P
Switching Regulator Control
M51995AFP-CF0J RENESAS-M51995AFP-CF0J Datasheet
457Kb / 43P
Switching Regulator Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com