Electronic Components Datasheet Search
  English  ▼

X  

M51995AP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M51995AP
Description  Switching Regulator Control
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M51995AP Datasheet HTML 3Page - Renesas Technology Corp M51995AP Datasheet HTML 4Page - Renesas Technology Corp M51995AP Datasheet HTML 5Page - Renesas Technology Corp M51995AP Datasheet HTML 6Page - Renesas Technology Corp M51995AP Datasheet HTML 7Page - Renesas Technology Corp M51995AP Datasheet HTML 8Page - Renesas Technology Corp M51995AP Datasheet HTML 9Page - Renesas Technology Corp M51995AP Datasheet HTML 10Page - Renesas Technology Corp M51995AP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
M51995AP/AFP
REJ03D0835-0201 Rev.2.01 Nov 14, 2007
Page 7 of 40
Main Characteristics
Thermal Derating
(Maximum Rating)
Ambient Temperature Ta (
°C)
Circuit Current vs. Supply Voltage
(Normal Operation)
Supply Voltage VCC (V)
Supply Voltage VCC (V)
Supply Voltage VCC (V)
Supply Voltage VCC (V)
Circuit Current vs. Supply Voltage
(OFF State)
Circuit Current vs. Supply Voltage
(OVP Operation)
Circuit Current vs. Supply Voltage
(Timer OFF State)
OVP Terminal Threshold Voltage vs.
Ambient Temperature
Ambient Temperature Ta (
°C)
1800
1500
1200
900
600
300
0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
3.2
2.4
1.2
2.8
2.0
1.6
0.4
0.8
0
22 m
18 m
16 m
14 m
12 m
10 m
100
µ
50
µ
0
3.2
2.4
0.8
2.8
1.6
2.0
1.2
0.4
0
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0
0
25
50
75
100
125
150
85
010
20
30
40
010
20
30
40
10
20
30
40
010
20
30
40
−40 −20 0
20
40
60
80 100
OVP reset point
8.87 V (
−30 °C)
8.94 V (25
°C)
9.23 V (85
°C)
Ta = 25
°C
Ta = 85
°C
Ta =
−30 °C
Ta = 25
°C
Ta = 85
°C
Ta =
−30 °C
Ta = 25
°C
Ta = 85
°C
Ta =
−30 °C
Ta = 25
°C
Ta = 85
°C
Ta =
−30 °C
RON = 18 kΩ
ROFF = 20 kΩ
fOSC = 500 kHz
fOSC = 100 kHz
H threshold voltage
(VTHOVPH)
L threshold voltage
(VTHOVPL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com