Electronic Components Datasheet Search
  English  ▼

X  

SIM689XM Datasheet(PDF) 51 Page - Sanken electric

Part # SIM689XM
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM689XM Datasheet(HTML) 51 Page - Sanken electric

Back Button SIM689XM Datasheet HTML 47Page - Sanken electric SIM689XM Datasheet HTML 48Page - Sanken electric SIM689XM Datasheet HTML 49Page - Sanken electric SIM689XM Datasheet HTML 50Page - Sanken electric SIM689XM Datasheet HTML 51Page - Sanken electric SIM689XM Datasheet HTML 52Page - Sanken electric SIM689XM Datasheet HTML 53Page - Sanken electric SIM689XM Datasheet HTML 54Page - Sanken electric SIM689XM Datasheet HTML 55Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
51
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
15.5 Short Circuit SOAs (Safe Operating Areas)
This section provides the graphs illustrating the short circuit SOAs of the SIM689xM series devices whose output
transistors consist of built-in IGBTs.
Conditions: VDC ≤ 400 V, 13.5 V ≤ VCC ≤ 16.5 V, TJ = 125 °C, 1 pulse.
Figure 15-60.
Short Circuit SOA: SIM6892M/SIM6895M
Figure 15-61.
Short Circuit SOA: SIM6896M
0
25
50
75
100
0
1
2
3
4
5
Pulse Width (µs)
Short Circuit SOA
0
10
20
30
40
0
1
2
3
4
5
Pulse Width (µs)
Short Circuit SOA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com