Electronic Components Datasheet Search
  English  ▼

X  

288 Datasheet(PDF) 2 Page - CTS Corporation

Part # 288
Description  16 mm Rotary Encoders
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

288 Datasheet(HTML) 2 Page - CTS Corporation

  288 Datasheet HTML 1Page - CTS Corporation 288 Datasheet HTML 2Page - CTS Corporation 288 Datasheet HTML 3Page - CTS Corporation 288 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4 BIT GRAY CODE
4 BIT HEXIDECIMAL
TRUTH TABLE 2 BIT BINARY
X288 Typical 2-bit Encoder parallel to P.C. Board
E
F
0
0
0
0
0
0
0 0
B
A
NO.
POS.
0
1
1
1
1
0
2
4
3
1
0 0
DENOTES CONTACT
CLOSURE TO COMMON
1
1
1
0
0
0
0
0
0
1
1
1
1
0
0
1
1
1
0 1
6
8
7
0
1
1
1
0 1
10
12
11
0
9
0
1
1
1
1
1
1
0
1
1
1
0 1
14
16
15
13 0 0 1 1
1
5
0 0
0
F
E
B
0
1
1
1
0
0
0
1
0
0 0 0
A
POS.
NO.
0
0
0
2
3
4
1
0
DENOTES CONTACT
CLOSURE TO COMMON
1
1
1
1
1
0
1
1
1
1
0
0
1
0
0
0
1
0
1
0 0
0
0
0
1
1
0
1
1
1
0
0
1
0
1
1
6
7
8
1
1
1
10
11
12
1
9
1
0
0
14
15
16
1
13
1
0
1
0
5
0
0
1
1
1 1
1 0
1 1
0
0
0 1
0
1
46 47 48
15 16
14
12 13
0
0
1 1
0
1
0
1
1
1 1
0
0
0
1 1
1 1
0
B
0
A
0
0
DENOTES
COMMON
CONTACT
CLOSURE TO
11
10
9
7
6
8
4
3
2
1
NO.
5
POS.
C
B
A
0.4
0.8
.492
12.50
.311±.005
7.9±0.13
MAX.
.055
.269±.002
.197±.002
.394±.002
10.00±0.05
.646
.016
.402±.016
.441
.335
8.5
.709
.031
MTG. SURFACE
Ø1.40 (3)
5.00±0.05
6.83±0.05
MTG. SURFACE
10.2±0.4
"A"±
"L"±
3/8-32UNEF-2A
B
C
A
18.0
MAX.
16.4
11.20
B
F
.145±.002
3.68±0.05
8.10±0.05
.319±.002
C
D
A
E
MTG. SURFACE
5.00±0.05
.197±.002
.055
.016
0.4
Ø1.40 (6)HL'S.
10.00±0.05
.394±.002
3/8-32UNEF-2A
8.5
.335
MAX.
MAX.
18.0
.709
7.9±0.13
.311±.005
"A"±
15.1±0.4
.441
.492
.594±.016
A
D
C
F
B
16.4
.646
E
12.5
11.2
"A"±
MTG. SURFACE
0.4
.016
mm
INCH
DIMENSION :
mm
INCH
DIMENSION :
2 - 4
© 2006 CTS Corporation. All rights reserved. Information subject to change.
10/05/06
CTS Electronic Components
www.ctscorp.com
X2-288 Typical 4-bit Encoder parallel to P.C. Board



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com