Electronic Components Datasheet Search
  English  ▼

X  

288 Datasheet(PDF) 4 Page - CTS Corporation

Part # 288
Description  16 mm Rotary Encoders
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

288 Datasheet(HTML) 4 Page - CTS Corporation

  288 Datasheet HTML 1Page - CTS Corporation 288 Datasheet HTML 2Page - CTS Corporation 288 Datasheet HTML 3Page - CTS Corporation 288 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TERMINAL STYLE
T – SOLDER LUG
X – PC
V – PC FORMED
TO REAR
Not available in
switch construction.
*
*
"A" BUSHING LENGTH
mm
inch
A=5.0mm
2=.250"
B=6.35mm
3=.375"
C=7.0mm
8=1.000"
D=9.53mm
ALL
ALL
M8X.75P
3/8-32 UNEF-2A
"L" SHAFT LENGTH
mm
inch
A0=10mm
20=.625"
A5=15mm
24=.750"
B0=20mm
28=.875"
B5=25mm
32=1.000"
C0=30mm
C5=35mm
SHAFT TRIM
R – ROUND
F – F x 4.5mm
(For metric size)
.375 x .156"
(For inch size)
K – 18 TEETH
(For metric size)
24 TEETH
(For inch size)
S
DETENT
1 – NONE
2 – 16 DETENTS
SWITCH CODE
A – NONE
B – MOMENTARY
SWITCH
ENCODER CODE
1 – 2 BIT BINARY
2 – 4 BIT GRAY
3 – 4 BIT
HEXIDECIMAL
COMBINATION
16-16 COM (4 PULSES)
24-24 COM (6 PULSES)
32-32 COM (8 PULSES)
40-40 COM (10 PULSES)
48-48 COM (12 PULSES)
Ordering Information
T
B
288
24
F
40
2
A
1
ALL
ALL
6.0mm Dia.
.250" Dia.
– SD SLOT
4 - 4
© 2006 CTS Corporation. All rights reserved. Information subject to change.
10/05/06
CTS Electronic Components
www.ctscorp.com
*
*
* 16-16 COM
(4 PULSES) ONLY
*
2 BIT MODELS
ONLY
*
* 16-16 COM
(4 PULSES) ONLY
*
METRIC BUSHING EQUIPPED WITH METRIC SHAFT.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com