Electronic Components Datasheet Search
  English  ▼

X  

288 Datasheet(PDF) 1 Page - CTS Corporation

Part # 288
Description  16 mm Rotary Encoders
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

288 Datasheet(HTML) 1 Page - CTS Corporation

  288 Datasheet HTML 1Page - CTS Corporation 288 Datasheet HTML 2Page - CTS Corporation 288 Datasheet HTML 3Page - CTS Corporation 288 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
®
16 mm
Rotary
Encoders
Features
Series 288 Encoder
Electrical and Mechanical Specifications
Voltage Rating
5VDC @ 0.5milliamp
Current Rating
5mA max.
Temperature Rating
Operation: -25°C to +100°C
Contact Resistance
500 ohms static closed circuit maximum
Contact CTS for special requirements
Detent Points
16 detents avaialable
Resolution Switch Rating
4,6,8,10 or 12 pulses in 360° on 2 bits
Switch Life
Switch Contact Resistance
100 milliohms maximum initial
200 milliohms maximum after life
Switch Operation Force
350 ±150 gf (12.3 oz ±5.3 oz)
Switch Bounce
5 milliseconds max.
Switch Travel Length
Pull and Thrust on Shaft
Withstand a pushing force and pulling force
of 8 kg static load applied to axial direction
for 10 ±1 second without physical damage or
electrical degradation
• Low cost, robust design
• Miniature 16mm style
• Bushing mounted
• PC terminals, with shaft aprallel
or perpendicular to PC board
• 2 bit, 4 bit Gray and 4 bit
Hexidecimal codes available
• 16 detents available
• Optional momentary switch
Total Rotational Angle
360°
Rotational Torque
36~216 gfcm (0.5~3 in-oz)
Contact CTS for special requirements
Rotational Life
50,000 cycles min.
15,000 operations for 0.5mm(.020") travel
• RoHS compliant
1 - 4
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
www.ctscorp.com
10/05/06
0.5mm (.020”)


Similar Part No. - 288

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
288 GILWAY-288 Datasheet
59Kb / 1P
Subminiature Krypton Lams with Lens(Clear)-End
logo
Adafruit Industries
288 ADAFRUIT-288 Datasheet
170Kb / 1P
Solid-Core Wire Spool - 25ft - 22AWG - Red
logo
Keystone Electronics Co...
288 KEYSTONE-288 Datasheet
527Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
logo
Spelsberg
288 420 01 SPELSBERG-288 420 01 Datasheet
9Mb / 4P
B-Box 040
logo
WAGO Kontakttechnik Gmb...
288-304 WAGO-288-304 Datasheet
372Kb / 6P
Relay module; Nominal input voltage: 24 VDC; 1 changeover contact
More results

Similar Description - 288

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1321S-AQ030AQ12 ETC1-1321S-AQ030AQ12 Datasheet
138Kb / 2P
Hall Effect Incremental Rotary Shaft Encoders
523-AS06 ETC1-523-AS06 Datasheet
47Kb / 2P
Hall Effect Incremental Rotary Shaft Encoders
logo
Panasonic Semiconductor
EVE-QDBRL416B PANASONIC-EVE-QDBRL416B Datasheet
72Kb / 2P
16 mm Square Encoders
EVE-GA1F1724M PANASONIC-EVE-GA1F1724M Datasheet
72Kb / 2P
16 mm Square Encoders
EVEGC1F2524M PANASONIC-EVEGC1F2524M Datasheet
117Kb / 4P
12 mm Square GS Encoders
EVEP PANASONIC-EVEP Datasheet
133Kb / 2P
16 mm Square Encoders
EVER PANASONIC-EVER Datasheet
146Kb / 3P
11 mm Square GS Encoders
EVQV5 PANASONIC-EVQV5 Datasheet
111Kb / 2P
27/18 mm Center Space Encoders
EVQVV PANASONIC-EVQVV Datasheet
91Kb / 2P
10 mm Square SMD Encoders
EVQVX PANASONIC-EVQVX Datasheet
96Kb / 2P
10 mm Square GS Encoders
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com