Electronic Components Datasheet Search
  English  ▼

X  

9SQ445 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 9SQ445
Description  CK440Q Lite PCIe Gen7 Clock Generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQ445 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 9SQ445 Datasheet HTML 7Page - Renesas Technology Corp 9SQ445 Datasheet HTML 8Page - Renesas Technology Corp 9SQ445 Datasheet HTML 9Page - Renesas Technology Corp 9SQ445 Datasheet HTML 10Page - Renesas Technology Corp 9SQ445 Datasheet HTML 11Page - Renesas Technology Corp 9SQ445 Datasheet HTML 12Page - Renesas Technology Corp 9SQ445 Datasheet HTML 13Page - Renesas Technology Corp 9SQ445 Datasheet HTML 14Page - Renesas Technology Corp 9SQ445 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
©2021–2026 Renesas Electronics Corporation
R31DS0066EU0104 August 5, 2026
9SQ445 Datasheet
7 At default SMBus settings.
8 Includes 150mV of overshoot for Vmax and 150mV of undershoot for Vmin.
1 PWRGD/PWRGDN# = 1, all outputs enabled.
2 PWRGD/PWRGDN# = 0.
3 For outputs are driving source-terminated high-impedance loads. Add 7mA for each output at 25M driving a double-terminated load and 2.5mA for
each output at 100M driving a double-terminated load.
1 Peak-to-peak values. The device meets all AC/DC parameters in the presence of at least this much noise.
Table 11. Current Consumption
Parameter
Symbol
Conditions
Minimum Typical Maximum Units Notes
Operating Supply Current
IDDMXCK25 Sum of VDDMXCK pins, MXCK at 25MHz.
—
22
24
mA
1, 3
IDD100M Sum of VDD100M pins.
—
39
48
mA
1
IDDXTAL VDDXTAL, 25MHz XTAL.
—
1.3
2
mA
1
IDDPFT VDDPFT.
—
12.1
15
mA
1,3
IDDA25M VDDA25M, 25M[2] on.
—
22.1
24
mA
1
IDDA100M VDDA100M, SSC on.
—
24.6
26
mA
2
Power Down Supply Current
IDDMXCK Sum of VDDMXCK pins.
—
8.1
9
mA
2
IDD100M Sum of VDD100M pins.
—
7.8
9
mA
2
IDDXTAL VDDXTAL, 25MHz XTAL.
—
1.4
2
mA
2
IDDPFT VDDPFT.
—
1.3
3
mA
2,4
IDDA25M
VDDA25M, 25M[2] on (25MPG = 1).
—
19.4
21
mA
2
VDDA25M, 25M[2] off (25MPG = 0).
—
9.9
11
mA
2
IDDA100M VDDA100M.
—
3.8
5
mA
1, 3
Table 12. Power Supply Noise Profile
Parameter
Symbol
Conditions
Minimum Typical Maximum
Units
Notes
Power Supply Noise
VDD_AC Single tone AC noise, swept.
—
50
—
mV
1
VDDA_AC VDD electrical noise > 20MHz.
—
50
—
mV
1
VDDXTAL VDD electrical noise 12kHz to 25MHz.
—
50
—
mV
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com