Electronic Components Datasheet Search
  English  ▼

X  

9SQ445 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 9SQ445
Description  CK440Q Lite PCIe Gen7 Clock Generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQ445 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 9SQ445 Datasheet HTML 9Page - Renesas Technology Corp 9SQ445 Datasheet HTML 10Page - Renesas Technology Corp 9SQ445 Datasheet HTML 11Page - Renesas Technology Corp 9SQ445 Datasheet HTML 12Page - Renesas Technology Corp 9SQ445 Datasheet HTML 13Page - Renesas Technology Corp 9SQ445 Datasheet HTML 14Page - Renesas Technology Corp 9SQ445 Datasheet HTML 15Page - Renesas Technology Corp 9SQ445 Datasheet HTML 16Page - Renesas Technology Corp 9SQ445 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13
©2021–2026 Renesas Electronics Corporation
R31DS0066EU0104 August 5, 2026
9SQ445 Datasheet
1 Guaranteed by design and characterization, not 100% tested in production.
2 Control input must be monotonic from 20% to 80% of input swing.
3 Refers to device differential output clock.
Figure 2. Side Band Interface Timing Diagram
Table 14. Side Band Interface
Parameter
Symbol
Conditions
Minimum Typical Maximum
Units
Notes
Clock Period
tPERIOD Clock period.
40
—
—
ns
Setup Time to Clock
tSETUP
SHFT setup to CLK rising edge.
10
—
—
ns
1
Data set up time
tDSU
DATA setup to CLK rising edge.
5
—
—
ns
1
Data hold time
tDHOLD DATA hold after CLK rising edge.
2
—
—
ns
1
Delay time
tDELAY
Delay from CLK rising edge to LD# falling edge.
10
—
—
ns
1
Propagation Delay
tPD
Delay from LD# falling edge to next output
configuration taking effect.
1
—
12
clocks
3
Slew Rate
tSLEW
CLK input (between 20% and 80%).
0.7
0.9
1.5
V/ns
2
Output Impedance
ZOUT
SBI_OUT output impedance.
—
41
—
Ω
1st bit
Current O/P Config.
Next O/P
Config.
tSETUP
tPERIOD
tDSU
tDHOLD
tSHOLD
tEN/
DIS
SBI_IN
SBI_CLK
SHFT_LD#
OUTPUT
REGISTER
1st bit out
(1st bit in from last shift)
tCO
SBI_OUT
2nd bit out
(2nd bit in from last shift)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com